Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANX7431 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7431 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7431
Download  ANX7431 Download
File Size   223.57 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 6G Active Re-driver with Linear Equalization for HDMI 2.0

ANX7431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7431 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7431
Download  ANX7431 Click to download

File Size   223.57 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 6G Active Re-driver with Linear Equalization for HDMI 2.0

ANX7431 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7431 Product details

Features
• Built-in Re-driver with CTLE
− Integrated Re-driver for HDMI2.0 up to 6Gbps
− Supports DP++, HDMI Source applications
− Loss compensation to recover up to -10dB channel loss @6Gbps
• CTLE, Flat Gain and Swing configurations
− Four-lane configurations set by pin strapping.
− Independent channel configuration for CTLE, Flat Gain and Swing in I2C mode.
• Serial interface
− I2C slave interface, up to 1MHz, for Re-driver configuration
• Industry standard compatibility
− HDMI2.0 specification
• Low power design
− Less than 1mW when PWR_EN# is pulled high. − Analog power supply at 1.8V
− I/O power supply at 1.8V
− Integrated Core power supply at 1.2V
• Package
− QFN-42, 9.0mm x 3.5mm, 0.90mm thick (max), 0.35mm pin-pitch
• Commercial temperature range of 0°C to 70°C

Application
• Notebooks, desktops, gaming PCs, workstations, active cables, gaming consoles, set-to boxes and




Similar Part No. - ANX7431

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7431 ANALOGIX-ANX7431 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7431 ANALOGIX-ANX7431 Datasheet
222Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2
November 2019
ANX7431 ANALOGIX-ANX7431 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7431 ANALOGIX-ANX7431 Datasheet
802Kb / 2P
106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4
ANX7431 ANALOGIX-ANX7431 Datasheet
226Kb / 2P
10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™
November 2019
More results


Similar Description - ANX7431

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
Analog Devices
AD8195ACPZ AD-AD8195ACPZ Datasheet
1Mb / 20P
HDMI/DVI Buffer with Equalization
REV. B
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
High Performance Re-driver with Linear Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com