Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVS24VP1BPL Datasheet (PDF) - Nexperia B.V. All rights reserved

PTVS24VP1BPL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PTVS24VP1BPL
Download  PTVS24VP1BPL Download
File Size   194.65 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 W Transient Voltage Suppressor

PTVS24VP1BPL Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVS24VP1BPL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PTVS24VP1BPL
Download  PTVS24VP1BPL Click to download

File Size   194.65 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 W Transient Voltage Suppressor

PTVS24VP1BPL Datasheet (HTML) - Nexperia B.V. All rights reserved


PTVS24VP1BPL Product details

1. General description
600 W bi-directional Transient Voltage Suppressor (TVS) in a CFP5-FL (SOD128FL) small and flat
lead Surface-Mounted Device (SMD) plastic package, designed for transient voltage protection.

2. Features and benefits
• Rated peak pulse power at 10/1000 μs waveform: PPPM = 600 W
• Reverse standoff voltage: VRWM = 9 V to 160 V
• Very low package height: 1 mm
• Excellent clamping capability
• Small plastic package suitable for surface-mounted design
• Reverse current: IRM < 1 μA for VRWM ≥ 11V

3. Applications
• Power supply protection
• Power management
• Telecom, Computer, Industrial and Consumer electronics application




Similar Part No. - PTVS24VP1BPL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS24VP1UP PHILIPS-PTVS24VP1UP Datasheet
121Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
logo
Nexperia B.V. All right...
PTVS24VP1UP NEXPERIA-PTVS24VP1UP Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVS24VP1UP-Q NEXPERIA-PTVS24VP1UP-Q Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVS24VP1UTP NXP-PTVS24VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVS24VP1UTP NEXPERIA-PTVS24VP1UTP Datasheet
883Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
More results


Similar Description - PTVS24VP1BPL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
600 Watts Transient Voltage Suppressor
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com