Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2S-3L5 Datasheet (PDF) - NEC

EP2S-3L5 Datasheet PDF - NEC
Part # EP2S-3L5
Download  EP2S-3L5 Download
File Size   180.57 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUTOMOTIVE RELAYS LOW SOUND PRESSURE

EP2S-3L5 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2S-3L5 Datasheet PDF - NEC

Part # EP2S-3L5
Download  EP2S-3L5 Click to download

File Size   180.57 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUTOMOTIVE RELAYS LOW SOUND PRESSURE

EP2S-3L5 Datasheet (HTML) - NEC


EP2S-3L5 Product details

DESCRIPTION
The NEC EP2S / EP1S series are PC-board mount type automotive relays suitable for various motor controls and other applications that require a high level of quality and performance.
The sound pressure level of EP2S / EP1S series is 57 dBA nominal when the relay operates, and 49 dBA nominal when the relay releases.

FEATURES
● Less sound pressure (–10 dB at “operate” and –3 dB at “release” compared with EP2 / EP1)
● For motor and solenoid reversible control
● High performance and productivity by unique structure
● Flux tight housing

APPLICATION
● Power window control
● Electrical door lock
● Wiper system




Similar Part No. - EP2S-3L5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 238P
Stratix II Device Family
EP2S130 ALTERA-EP2S130 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EP2S130 ALTERA-EP2S130 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
More results


Similar Description - EP2S-3L5

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KBS-20DB-5A KSS-KBS-20DB-5A Datasheet
55Kb / 1P
Low current consumption - high sound pressure
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
high sound pressure level and clear sound
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
AUTOMOTIVE RELAYS
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
automotive relays
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
automotive relays
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com