Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IKWH30N67PR7 Datasheet (PDF) - Infineon Technologies AG

IKWH30N67PR7 Datasheet PDF - Infineon Technologies AG
Part # IKWH30N67PR7
Download  IKWH30N67PR7 Download
File Size   1383.98 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRENCHSTOP™ IGBT 7 PR7 Reverse Conducting IGBT for boost PFC stage

IKWH30N67PR7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IKWH30N67PR7 Datasheet PDF - Infineon Technologies AG

Part # IKWH30N67PR7
Download  IKWH30N67PR7 Click to download

File Size   1383.98 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRENCHSTOP™ IGBT 7 PR7 Reverse Conducting IGBT for boost PFC stage

IKWH30N67PR7 Datasheet (HTML) - Infineon Technologies AG


IKWH30N67PR7 Product details

Features
• VCE = 670 V
• IC = 30 A
• Pin-to-pin creepage distance > 4.8 mm
• Pin-to-pin clearance distance > 3.4 mm
• Optimized monolithic diode for PFC applications
• Improved EMI behavior with lower dv/dt
• Very low VCEsat = 1.4 V (typ.) at 25°C
• Stable temperature behavior
• Low temperature dependence of VCEsat and Esw
• 2 kV ESD HBM compliant
• Easy parallel switching capability based on positive temperature coefficient of VCEsat
• Product spectrum and PSpice Models: http://www.infineon.com/igbt/




Similar Part No. - IKWH30N67PR7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKWH30N65WR5 INFINEON-IKWH30N65WR5 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR5 technology in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
IKWH30N65WR6 INFINEON-IKWH30N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
More results


Similar Description - IKWH30N67PR7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW30N160R2 INFINEON-IHW30N160R2 Datasheet
396Kb / 12P
TrenchStop Reverse Conducting (RC-)IGBT with monolithic body diode
Rev. 2.1 Nov 09
IHY30N160R2 INFINEON-IHY30N160R2 Datasheet
615Kb / 12P
TrenchStop Reverse Conducting (RC-)IGBT with monolithic body diode
Rev. 2.1 Nov. 09
IHW40N60R INFINEON-IHW40N60R Datasheet
2Mb / 15P
Reverse conducting IGBT
Rev.2.6,2015-01-26
logo
ON Semiconductor
NGTB40N65IHRWG ONSEMI-NGTB40N65IHRWG Datasheet
132Kb / 8P
IGBT with Monolithic Reverse Conducting Diode
June, 2016 ??Rev. 0
NGTB40N65IHRTG ONSEMI-NGTB40N65IHRTG Datasheet
228Kb / 9P
IGBT with Monolithic Reverse Conducting Diode
May, 2017 - Rev. 1
logo
Infineon Technologies A...
IKQ100N120CH7 INFINEON-IKQ100N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-20
IKQ50N120CH7 INFINEON-IKQ50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-20
IKY50N120CH7 INFINEON-IKY50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-17
IKZA50N120CH7 INFINEON-IKZA50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.20 2023-01-19
IKZA75N120CH7 INFINEON-IKZA75N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2022-11-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com