Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC364X Datasheet (PDF) - Texas Instruments

ADC364X Datasheet PDF - Texas Instruments
Part # ADC364X
Download  ADC364X Download
File Size   4409.24 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC364x Dual-Channel, 14-Bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)

ADC364X Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC364X Datasheet PDF - Texas Instruments

Part # ADC364X
Download  ADC364X Click to download

File Size   4409.24 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC364x Dual-Channel, 14-Bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)

ADC364X Datasheet (HTML) - Texas Instruments


ADC364X Product details

1 Features
• 14-bit, dual channel 250 and 500MSPS ADC
• Noise spectral density: -158.5dBFS/Hz
• Thermal Noise: 74.5dBFS
• Single core (non-interleaved) ADC architecture
• Power consumption:
– 300mW/channel (500MSPS)
– 250mW/channel (250MSPS)
Aperture jitter: 75fs
• Buffered analog inputs
– Programmable 100Ω to 200Ω termination
• Input full scale: 2Vpp
• Full power input bandwidth (-3dB): 1.4GHz
• Spectral performance (fIN = 70MHz, -1dBFS):
– SNR: 73.8dBFS
– SFDR HD2,3: 84dBc
– SFDR worst spur: 90dBFS
• Digital down-converters (DDCs)
– Up to four independent DDCs
– Complex and real decimation
– Decimation: /2, /4 to /32768 decimation
– 48-bit NCO phase coherent frequency hopping
• DDR, Serial LVDS interface
– 14-bit Parallel DDR LVDS for DDC bypass
– 16-bit Serial LVDS for decimation
– 32-bit output option for high decimation

2 Applications
• Software defined radio
• Spectrum analyzer
• Radar
• Spectroscopy
• Power amplifier linearization
• Communications infrastructure

3 Description
The ADC3648 and ADC3649 (ADC364x) are a 14-
bit, 250MSPS and 500MSPS, dual channel analog to
digital converter (ADC). The devices are designed for
high signal-to-noise ratio (SNR) and deliver a noise
spectral density of -158.5dBFS/Hz (500MSPS).
The power efficient ADC architecture consumes
300mW/ch at 500MSPS and provides power scaling
with lower sampling rates (250mW/ch at 250MSPS).
The ADC364x includes an optional quad band
digital down-converter (DDC) supporting wide band
decimation by 2 to narrow band decimation by 32768.
The DDC uses a 48-bit NCO which supports phase
coherent and phase continuous frequency hopping.
The ADC364x is outfitted with a flexible LVDS
interface. In decimation bypass mode, the device
uses a 14-bit wide parallel DDR LVDS interface.
When using decimation, the output data is transmitted
using a serial LVDS interface reducing the number
of lanes needed as decimation increases. For high
decimation rates, the output resolution can be
increased to 32-bit.




Similar Part No. - ADC364X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC364X TI-ADC364X Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC364X TI-ADC364X Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC364X TI-ADC364X Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC364X TI1-ADC364X Datasheet
4Mb / 85P
ADC364x Dual-Channel, 14-Bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)
JANUARY 2025
More results


Similar Description - ADC364X

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
May 19, 2011
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
14-Bit, 500MSPS ADC
December 10, 2012
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
Single Channel 12-Bit 500Msps Analog to Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
14-Bit, 500MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com