Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS12C887 Datasheet (PDF) - SYC Electronica

DS12C887 Datasheet PDF - SYC Electronica
Part # DS12C887
Download  DS12C887 Download
File Size   283.67 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Real-Time Clock

DS12C887 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS12C887 Datasheet PDF - SYC Electronica

Part # DS12C887
Download  DS12C887 Click to download

File Size   283.67 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Real-Time Clock

DS12C887 Datasheet (HTML) - SYC Electronica


DS12C887 Product details

General Description
The DS12885, DS12887, and DS12C887 real-time
clocks (RTCs) are designed to be direct replacements
for the DS1285 and DS1287. The devices provide a
real-time clock/calendar, one time-of-day alarm, three
maskable interrupts with a common interrupt output, a
programmable square wave, and 114 bytes of batterybacked
static RAM (113 bytes in the DS12C887 and
DS12C887A). The DS12887 integrates a quartz crystal
and lithium energy source into a 24-pin encapsulated
DIP package. The DS12C887 adds a century byte at
address 32h. For all devices, the date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including correction for leap years. The
devices also operate in either 24-hour or
12-hour format with an AM/PM indicator. A precision
temperature-compensated circuit monitors the status of
VCC. If a primary power failure is detected, the device
automatically switches to a backup supply. A lithium
coin-cell battery can be connected to the VBAT input
pin on the DS12885 to maintain time and date operation
when primary power is absent. The device is accessed
through a multiplexed byte-wide interface, which supports
both Intel and Motorola modes.

Applications
Embedded Systems
Utility Meters
Security Systems
Network Hubs, Bridges, and Routers

Features
♦ Drop-In Replacement for IBM AT Computer
Clock/Calendar
♦ RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year with Leap Year Compensation
Through 2099
♦ Binary or BCD Time Representation
♦ 12-Hour or 24-Hour Clock with AM and PM in
12-Hour Mode
♦ Daylight Saving Time Option
♦ Selectable Intel or Motorola Bus Timing
♦ Interfaced with Software as 128 RAM Locations
♦ 14 Bytes of Clock and Control Registers
♦ 114 Bytes of General-Purpose, Battery-Backed
RAM (113 Bytes in the DS12C887 and
DS12C887A)
♦ RAM Clear Function (DS12885, DS12887A, and
DS12C887A)
♦ Interrupt Output with Three Independently
Maskable Interrupt Flags
♦ Time-of-Day Alarm Once Per Second to Once
Per Day
♦ Periodic Rates from 122μs to 500ms
♦ End-of-Clock Update Cycle Flag
♦ Programmable Square-Wave Output
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Optional 28-Pin PLCC Surface Mount Package or
32-Pin TQFP (DS12885)
♦ Optional Encapsulated DIP (EDIP) Package with
Integrated Crystal and Battery (DS12887,
DS12887A, DS12C887, DS12C887A)
♦ Optional Industrial Temperature Range Available
♦ Underwriters Laboratory (UL) Recognized




Similar Part No. - DS12C887

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12C887 DALLAS-DS12C887 Datasheet
193Kb / 19P
Real Time Clock
logo
Maxim Integrated Produc...
DS12C887 MAXIM-DS12C887 Datasheet
361Kb / 22P
Real-Time Clock
Rev 3; 2/07
DS12C887 MAXIM-DS12C887 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
logo
ARTSCHIP ELECTRONICS CO...
DS12C887 ARTSCHIP-DS12C887 Datasheet
520Kb / 19P
Real Time Clock
logo
Maxim Integrated Produc...
DS12C887+ MAXIM-DS12C887+ Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
More results


Similar Description - DS12C887

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com