Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCLAMP3371ZCTFT Datasheet (PDF) - Semtech Corporation

RCLAMP3371ZCTFT Datasheet PDF - Semtech Corporation
Part # RCLAMP3371ZCTFT
Download  RCLAMP3371ZCTFT Download
File Size   1185.4 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Femto Farad RailClamp® 1-Line, 250fF ESD and EOS Protection

RCLAMP3371ZCTFT Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP3371ZCTFT Datasheet PDF - Semtech Corporation

Part # RCLAMP3371ZCTFT
Download  RCLAMP3371ZCTFT Click to download

File Size   1185.4 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Femto Farad RailClamp® 1-Line, 250fF ESD and EOS Protection

RCLAMP3371ZCTFT Datasheet (HTML) - Semtech Corporation


RCLAMP3371ZCTFT Product details

Features
• ESD and EOS Protection
• ESD withstand voltage
Œ IEC 61000-4-2 (ESD) ±17kV (air), ±10kV (contact)
• IEC 61000-4-4 (EFT) 40A (5/50ns)
• Ultra-Low capacitance: 0.25pF Maximum
• Very small PCB area
• Protects one high-speed data line
• Working voltage: 3.3V
• Low reverse leakage current: 50nA max at VR=3.3V
• Solid-state silicon-avalanche technology




Similar Part No. - RCLAMP3371ZCTFT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP3374N SEMTECH-RCLAMP3374N Datasheet
171Kb / 9P
High Power TVS for Ethernet Interfaces
RClamp3374N.TCT SEMTECH-RClamp3374N.TCT Datasheet
171Kb / 9P
High Power TVS for Ethernet Interfaces
More results


Similar Description - RCLAMP3371ZCTFT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0524PQ SEMTECH-RCLAMP0524PQ Datasheet
585Kb / 10P
Low Capacitance RailClamp 4-Line Surge and ESD Protection
RCLAMP0564P SEMTECH-RCLAMP0564P Datasheet
781Kb / 8P
Femto Farad RailClamp 4-Line, 170fF ESD Protection
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
Ultra Small RailClamp 1-Line ESD protection
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA Datasheet
268Kb / 8P
Ultra Small RailClamp 1-Line, 24V ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P Datasheet
1Mb / 8P
Low Capacitance RailClamp 4-Line Surge and ESD Protection
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
RCLAMP3331PQ SEMTECH-RCLAMP3331PQ Datasheet
551Kb / 7P
RailClamp® Low Capacitance ESD and EOS Protection
Rev 2.1 9/15/2021
RCLAMP3552TQ SEMTECH-RCLAMP3552TQ Datasheet
373Kb / 9P
Low Voltage RailClamp® 2-Line ESD Protection
Rev 1.0 10/4/2016
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com