Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HUF75329D3S Datasheet (PDF) - Inchange Semiconductor Company Limited

HUF75329D3S Datasheet PDF - Inchange Semiconductor Company Limited
Part # HUF75329D3S
Download  HUF75329D3S Download
File Size   260.43 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

HUF75329D3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75329D3S Datasheet PDF - Inchange Semiconductor Company Limited

Part # HUF75329D3S
Download  HUF75329D3S Click to download

File Size   260.43 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

HUF75329D3S Datasheet (HTML) - Inchange Semiconductor Company Limited


HUF75329D3S Product details

FEATURES
· Drain Current -ID= 20A@ TC=25℃
· Drain Source Voltage -VDSS= 55V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 26mΩ(Max)@VGS= 10V
DESCRIPTION
· Motor drive
· Half Bridge
· PFC and Other Boost Converter
· Buck Converterh




Similar Part No. - HUF75329D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75329D3S FAIRCHILD-HUF75329D3S Datasheet
225Kb / 10P
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3S INTERSIL-HUF75329D3S Datasheet
127Kb / 9P
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
logo
ON Semiconductor
HUF75329D3S ONSEMI-HUF75329D3S Datasheet
665Kb / 11P
N-Channel UltraFET Power MOSFET 55 V, 20 A, 26 m廓
October-2017, Rev. 3
logo
BYCHIP ELECTRONICS CO.,...
HUF75329D3S BYCHIP-HUF75329D3S Datasheet
763Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
logo
ON Semiconductor
HUF75329D3ST ONSEMI-HUF75329D3ST Datasheet
665Kb / 11P
N-Channel UltraFET Power MOSFET 55 V, 20 A, 26 m廓
October-2017, Rev. 3
More results


Similar Description - HUF75329D3S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com