Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADFR6N60GL Datasheet (PDF) - Advanced (Shenzhen) Electronics Co.,Ltd

ADFR6N60GL Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd
Part # ADFR6N60GL
Download  ADFR6N60GL Download
File Size   804.18 Kbytes
Page   8 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description 600V N-Channel Enhancement Mode Field Effect Transistor

ADFR6N60GL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADFR6N60GL Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADFR6N60GL
Download  ADFR6N60GL Click to download

File Size   804.18 Kbytes
Page   8 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description 600V N-Channel Enhancement Mode Field Effect Transistor

ADFR6N60GL Datasheet (HTML) - Advanced (Shenzhen) Electronics Co.,Ltd


ADFR6N60GL Product details

FEATURES
• Fast switching
• Integrate fast recovery diode
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability

APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Motor Controls
• Power Factor Correction (PFC)




Similar Part No. - ADFR6N60GL

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
ADF PROSIGNAL-ADF Datasheet
459Kb / 2P
Cable Economiser Data / Data
27/09/12 V1.0
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S03 MINMAX-ADF-07S03 Datasheet
314Kb / 3P
AC/DC Power Module 7W
More results


Similar Description - ADFR6N60GL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com