Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

201130FD25BXEP Datasheet (PDF) - Ashcroft, Inc.

201130FD25BXEP Datasheet PDF - Ashcroft, Inc.
Part # 201130FD25BXEP
Download  201130FD25BXEP Download
File Size   966.54 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1130 Differential Pressure Gauge

201130FD25BXEP Datasheet (PDF)

Go To PDF Page Download Datasheet
201130FD25BXEP Datasheet PDF - Ashcroft, Inc.

Part # 201130FD25BXEP
Download  201130FD25BXEP Click to download

File Size   966.54 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1130 Differential Pressure Gauge

201130FD25BXEP Datasheet (HTML) - Ashcroft, Inc.


201130FD25BXEP Product details

FEATURES
High static pressure capabilty (up to 6,000 psi)
Ranges from 5 psi to 150 psi
Reed switches optional for direct system control
Superior magnets for smoother pointer motion
Buna-N O-rings (others available)
Piston actuator
Dry or liquid filled case




Similar Part No. - 201130FD25BXEP

ManufacturerPart #DatasheetDescription
logo
RUKO GmbH Präzisionswe...
201130 RUKO-201130 Datasheet
528Kb / 2P
Twist drills DIN 338 type N HSS rolled
More results


Similar Description - 201130FD25BXEP

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
Pressure sensor module/Gauge,Differential
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com