Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

63HPXGMNFBMP Datasheet (PDF) - Ashcroft, Inc.

63HPXGMNFBMP Datasheet PDF - Ashcroft, Inc.
Part # 63HPXGMNFBMP
Download  63HPXGMNFBMP Download
File Size   488.52 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPX High Purity Pressure Gauge 63 mm Dial Sizes

63HPXGMNFBMP Datasheet (PDF)

Go To PDF Page Download Datasheet
63HPXGMNFBMP Datasheet PDF - Ashcroft, Inc.

Part # 63HPXGMNFBMP
Download  63HPXGMNFBMP Click to download

File Size   488.52 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPX High Purity Pressure Gauge 63 mm Dial Sizes

63HPXGMNFBMP Datasheet (HTML) - Ashcroft, Inc.


63HPXGMNFBMP Product details

FEATURES
316L Stainless steel wetted parts
Helium leak tested to 1 x 10-8 atm cc/s
Cleaned in class 100 clean room
Polyethylene-sealed




Similar Part No. - 63HPXGMNFBMP

ManufacturerPart #DatasheetDescription
logo
VINATech Co.,Ltd.
63HVC100ME12 VINATECH-63HVC100ME12 Datasheet
829Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
63HVC100ME12V VINATECH-63HVC100ME12V Datasheet
829Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
63HVC10MC6 VINATECH-63HVC10MC6 Datasheet
829Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
63HVC10MC6V VINATECH-63HVC10MC6V Datasheet
829Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
63HVC22MC8 VINATECH-63HVC22MC8 Datasheet
829Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
More results


Similar Description - 63HPXGMNFBMP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com