Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

846-005-520-602 Datasheet (PDF) - EDAC, All Rights Reserved.

846-005-520-602 Datasheet PDF - EDAC, All Rights Reserved.
Part # 846-005-520-602
Download  846-005-520-602 Download
File Size   83.7 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 846 Series,High Temp Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

846-005-520-602 Datasheet (PDF)

Go To PDF Page Download Datasheet
846-005-520-602 Datasheet PDF - EDAC, All Rights Reserved.

Part # 846-005-520-602
Download  846-005-520-602 Click to download

File Size   83.7 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 846 Series,High Temp Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

846-005-520-602 Datasheet (HTML) - EDAC, All Rights Reserved.


846-005-520-602 Product details

Features

  • .125" (3.175mm) Contact Spacing x .250" (6.35mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options, Flush or Offset Lugs
  • Accepts between contact and In-Contact Polarizing Keys
  • Pre-assembled Card Guides are available
  • Automatic Wire Wrap Positioning Holes
  • RoHS Compliant, UL Certified




Similar Part No. - 846-005-520-602

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
846-005-520-602 EDAC-846-005-520-602 Datasheet
274Kb / 3P
846 Series High Temp Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results


Similar Description - 846-005-520-602

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
896-012-500-112 EDAC-896-012-500-112 Datasheet
69Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-012-500-201 EDAC-896-012-500-201 Datasheet
68Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-012-500-808 EDAC-896-012-500-808 Datasheet
68Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-012-500-812 EDAC-896-012-500-812 Datasheet
68Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-013-500-107 EDAC-896-013-500-107 Datasheet
70Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-013-500-108 EDAC-896-013-500-108 Datasheet
70Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-013-500-612 EDAC-896-013-500-612 Datasheet
70Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-014-500-204 EDAC-896-014-500-204 Datasheet
69Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-014-500-207 EDAC-896-014-500-207 Datasheet
69Kb / 2P
896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
846-SERIES EDAC-846-SERIES Datasheet
274Kb / 3P
846 Series High Temp Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com