Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C1206C107M9PACTU Datasheet (PDF) - Kemet Corporation

C1206C107M9PACTU Datasheet PDF - Kemet Corporation
Part # C1206C107M9PACTU
Download  C1206C107M9PACTU Download
File Size   801.82 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description X5R Dielectric, 4 – 50 VDC (Commercial Grade)

C1206C107M9PACTU Datasheet (PDF)

Go To PDF Page Download Datasheet
C1206C107M9PACTU Datasheet PDF - Kemet Corporation

Part # C1206C107M9PACTU
Download  C1206C107M9PACTU Click to download

File Size   801.82 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description X5R Dielectric, 4 – 50 VDC (Commercial Grade)

C1206C107M9PACTU Datasheet (HTML) - Kemet Corporation


C1206C107M9PACTU Product details

Benefits
• −55°C to +85°C operating temperature range
• Lead (Pb)-free, RoHS and REACH compliant
• Temperature stable dielectric
• EIA 0201, 0402, 0603, 0805, 1206, 1210, and 1812
case sizes
• DC voltage ratings of 4 V, 6.3 V, 10 V, 16 V, 25 V, 35 V,
and 50 V
• Capacitance offerings ranging from 0.01 μF to 100 μF
• Available capacitance tolerances of ±10% and ±20%
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing
for excellent solderability

Applications
Typical applications include decoupling, bypass, and
filtering




Similar Part No. - C1206C107M9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
X5R Dielectric, 4 ??50 VDC (Commercial Grade)
More results


Similar Description - C1206C107M9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com