Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1527 Datasheet (PDF) - Silvan Chip Electronics Tech.Co.,Ltd.

SC1527 Datasheet PDF - Silvan Chip Electronics Tech.Co.,Ltd.
Part # SC1527
Download  SC1527 Download
File Size   150.79 Kbytes
Page   3 Pages
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.
Description OTP Encoder

SC1527 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1527 Datasheet PDF - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1527
Download  SC1527 Click to download

File Size   150.79 Kbytes
Page   3 Pages
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.
Description OTP Encoder

SC1527 Datasheet (HTML) - Silvan Chip Electronics Tech.Co.,Ltd.


SC1527 Product details

SC1527 Description: (Compatible:EV1527,RT1527,FP1527)
SC1527 is OTP Encoder utilizing CMOS technology process. SC1527
hai a maximum of 20 bits providing up to 1 million codes.It can reduce any
code collision and unauthorized code scanning possibilities.

SC1527 Features: (Compatible:EV1527,RT1527,FP1527)
CMOS Technology
Low stand by Current:1.0uA
Wide range of Operating Voltage:Vcc=3.0~12V
Up to 4 data pins
Total 1048576 address codes
Single Resistor Oscillator
Available in DIP and SOP Package




Similar Part No. - SC1527

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11 KINGBRIGHT-SC15-11 Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SC1527

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
OTP Encoder
June 20, 2003
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
OTP Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com