Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC27614-Q1 Datasheet (PDF) - Texas Instruments

UCC27614-Q1 Datasheet PDF - Texas Instruments
Part # UCC27614-Q1_V01
Download  UCC27614-Q1 Download
File Size   3292.68 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description UCC27614-Q1 30V, 10A Single Channel Low-Side Gate Driver with –10V Input Capability for Automotive Applications

UCC27614-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27614-Q1 Datasheet PDF - Texas Instruments

Part # UCC27614-Q1_V01
Download  UCC27614-Q1 Click to download

File Size   3292.68 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description UCC27614-Q1 30V, 10A Single Channel Low-Side Gate Driver with –10V Input Capability for Automotive Applications

UCC27614-Q1 Datasheet (HTML) - Texas Instruments


UCC27614-Q1 Product details

1 Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified
– Device Temperature Grade 1
• Typical 10A sink 10A source output currents
• Input and enable pins capable of withstanding up
to –10V
• Absolute maximum VDD voltage: 30V
• Wide VDD operating range from 4.5V to 26V with
UVLO
• Available in 2mm x 2mm SON8 package
• Typical 17.5ns propagation delay
• EN (enable) pin in SOIC8 and VSSOP8 package
• IN– pin can be used for enable and disable
functionality in SON8 package
• VDD independent input thresholds (TTL
compatible)
• Can be used as inverting or noninverting driver
• Operating junction temperature range of –40°C to
150°C

2 Applications
• Telecom switch mode power supplies
• Power factor correction (PFC) circuits
• Solar power supplies
• Motor drives
• High frequency line drivers
• Pulse transformer drivers
• High power buffers

3 Description
The UCC27614-Q1 is a single channel, high-speed,
low-side gate driver capable of effectively driving
MOSFET, IGBT, SiC, and GaN power switches. The
UCC27614-Q1 has a typical peak drive strength
of 10A, which reduces the rise and fall times of
the power switches, lowering switching losses and
increasing efficiency. The small propagation delay
of the UCC27614-Q1 yields better power stage
efficiency by improving dead-time optimization, pulse
width utilization, control loop response, and transient
performance of the system.
The UCC27614-Q1 can handle –10V on its inputs,
which improves robustness in systems with moderate
ground bouncing. The inputs are independent of
supply voltage and can be connected to most
controller outputs for maximum control flexibility. An
independent enable signal allows the power stage to
be controlled independent of the main control logic.
The gate driver can quickly shut off the power stage
if there is a fault in the system (which requires the
power train to be turned off). The enable function also
improves system robustness. Many high-frequency
switching power supplies exhibit high frequency noise
at the gate of the power device, which can get
injected into the output pin of the gate driver and can
cause the driver to malfunction. The UCC27614-Q1
performs well in such conditions due to its transient
reverse current and reverse voltage capability.
The strong internal pulldown MOSFET holds the
output low if the VDD voltage is below the specified
UVLO threshold. This active pulldown feature further
improves system robustness. The 10A drive current
of the UCC27614-Q1 in the 2mm × 2mm package
improves system power density. This small package
also enables optimum gate driver placement and
improved layout.




Similar Part No. - UCC27614-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27614-Q1 TI1-UCC27614-Q1 Datasheet
1Mb / 30P
UCC27614-Q1 30V, 10A Single Channel Low-Side Gate Driver with –10V Input Capability for Automotive Applications
APRIL 2024
More results


Similar Description - UCC27614-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27624-Q1 TI-UCC27624-Q1 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624-Q1 TI-UCC27624-Q1_V01 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V02 Datasheet
2Mb / 32P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V03 Datasheet
2Mb / 35P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27444-Q1 TI-UCC27444-Q1 Datasheet
1Mb / 31P
UCC27444-Q1 20-V, 4-A Dual-Channel Low-Side Gate Driver with –5-V Input Capability For Automotive Applications
REVISED JULY 2023
UCC27444-Q1 TI-UCC27444-Q1_V01 Datasheet
2Mb / 36P
UCC27444-Q1 20-V, 4-A Dual-Channel Low-Side Gate Driver with –5-V Input Capability For Automotive Applications
REVISED JULY 2023
UCC27332-Q1 TI-UCC27332-Q1 Datasheet
1Mb / 30P
UCC27332-Q1 20-V, 9-A Single Channel Low Side Gate Driver with –5-V Input Capability For Automotive Application
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com