Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD63291Z Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD63291Z Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD63291Z
Download  ESD63291Z Download
File Size   1181.73 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance 1-Line ESD Protection

ESD63291Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD63291Z Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD63291Z
Download  ESD63291Z Click to download

File Size   1181.73 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance 1-Line ESD Protection

ESD63291Z Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD63291Z Product details

Features

® Ultra small package: 0.6x0.3x0 3mm

@ Ultra low capacitance:0.28pF typical

© Ultra low leakage: nA level

@ Low operating voltage: +5V

® Low clamping voltage

® 2-pin leadless package

® Complies with following standards:

® — [EC 61000-4-2 (ESD) immunity test
Air discharge: +25kV/
Contact discharge: +20kV

@ — IEC61000-4-5 (Lightning)4A (8/20 ps)

® RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - ESD63291Z

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ESD63 COOPER-ESD63 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD63 COOPER-ESD63 Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD63 EATON-ESD63 Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
Will Semiconductor Ltd.
ESD63011N WILLSEMI-ESD63011N Datasheet
523Kb / 6P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD63011N-2/TR WILLSEMI-ESD63011N-2/TR Datasheet
523Kb / 6P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
More results


Similar Description - ESD63291Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431T SEMTECH-RCLAMP2431T Datasheet
115Kb / 6P
Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com