Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDL4151MX4T5G-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDL4151MX4T5G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDL4151MX4T5G-TP
Download  ESDL4151MX4T5G-TP Download
File Size   2528.66 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Bi-directional ESD DIODE

ESDL4151MX4T5G-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDL4151MX4T5G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDL4151MX4T5G-TP
Download  ESDL4151MX4T5G-TP Click to download

File Size   2528.66 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Bi-directional ESD DIODE

ESDL4151MX4T5G-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDL4151MX4T5G-TP Product details

Features

o Low operating voltage: 15V

« Ultra low capacitance: 0.7pF

Ultra low leakage: nA level

o Low clamping voltage

o —IEC 61000-4-2 (ESD) immunity test
Air discharge: +15kV'

Contact discharge: +15kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 5A (8/20ps)

o 2-pin leadless package
These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - ESDL4151MX4T5G-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDL4151MX4T5G ONSEMI-ESDL4151MX4T5G Datasheet
339Kb / 7P
ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
September, 2019 ??Rev. 0
More results


Similar Description - ESDL4151MX4T5G-TP

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SESOTA05BC WILLAS-SESOTA05BC Datasheet
352Kb / 4P
Low capacitance bi-directional double ESD protection diode
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com