Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RSB16V Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RSB16V Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RSB16V
Download  RSB16V Download
File Size   2059.16 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional ESD DIODE

RSB16V Datasheet (PDF)

Go To PDF Page Download Datasheet
RSB16V Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RSB16V
Download  RSB16V Click to download

File Size   2059.16 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional ESD DIODE

RSB16V Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RSB16V Product details

Features
o Low operating voltage: 12V
» Ultra low capacitance: 8pF (Typ)
« Ultra low leakage: nA level
o Low clamping voltage
« —IEC 61000-4-2 (ESD) immunity test |
Air discharge: +30kV
Contact discharge: +30kV
—~IEC61000-4-4 (EFT) 40A (5/50)
~IEC61000-4-5 (Lightning) 8A (8/20ps)

o 2-pin leadless package |
These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - RSB16V

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB16V ROHM-RSB16V Datasheet
84Kb / 2P
Bi-Directional Zener Diodes
RSB16VA ROHM-RSB16VA Datasheet
108Kb / 2P
Bi-Directional Zener Diodes
RSB16VA ROHM-RSB16VA Datasheet
88Kb / 2P
Bi-Directional Zener Diodes
RSB16VAFH ROHM-RSB16VAFH Datasheet
1Mb / 5P
Bi-Directional Zener Diodes
RSB16VATR ROHM-RSB16VATR Datasheet
88Kb / 2P
Bi-Directional Zener Diodes
More results


Similar Description - RSB16V

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU2521P0 APMICRO-AU2521P0 Datasheet
688Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU2521P1 APMICRO-AU2521P1 Datasheet
643Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU3321P1 APMICRO-AU3321P1 Datasheet
1Mb / 4P
1-Line Bi-directional 3.3V ESD Protection Diode
logo
Shanghai Leiditech Elec...
PCLAMP0511ZV LEIDITECH-PCLAMP0511ZV Datasheet
1Mb / 4P
1-Line Bi-directional ESD Diode
Rev 2.0 : 10.07.2021
UCLAMP5501ZV LEIDITECH-UCLAMP5501ZV Datasheet
1Mb / 4P
1-Line Bi-directional ESD Diode
Rev 2.0 : 10.07.2021
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
1-Line Bi-directional Diode
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
SD03C TECHPUBLIC-SD03C Datasheet
964Kb / 4P
1-Line Bi-directional Diode
TPE03GHC TECHPUBLIC-TPE03GHC Datasheet
1,023Kb / 4P
1-Line Bi-directional Diode
SMF3.3CA TECHPUBLIC-SMF3.3CA Datasheet
14Mb / 4P
1-Line Bi-directional Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com