Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPESD5V0U5BV Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD5V0U5BV Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD5V0U5BV
Download  TPESD5V0U5BV Download
File Size   2405.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra low capacitance bidirectional fivefold ESD protection arrays

TPESD5V0U5BV Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD5V0U5BV Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD5V0U5BV
Download  TPESD5V0U5BV Click to download

File Size   2405.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra low capacitance bidirectional fivefold ESD protection arrays

TPESD5V0U5BV Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD5V0U5BV Product details

Features

» Low operating voltage: 5V/

Ultra low capacitance: 2.5pF (Typ)

Ultra low leakage: nA level

« Low clamping voltage

» “IEC 61000-4-2 (ESD) immunity test

Air discharge: £15kV

Contact discharge: £8kV

-IEC61000-4-4 (EFT) 40A (5/50ns)

-IEC61000-4-5(Lightning):2A(8/20ps

» These are Pb-Free Devices

o Response Time is Typically < 1 ns




Similar Part No. - TPESD5V0U5BV

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD5V0U1UA TECHPUBLIC-TPESD5V0U1UA Datasheet
1,011Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
TPESD5V0U2BM TECHPUBLIC-TPESD5V0U2BM Datasheet
1Mb / 4P
Bi-directional TVS Diode
More results


Similar Description - TPESD5V0U5BV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0U4BF NXP-PESD5V0U4BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
PESD5V0U5BF PHILIPS-PESD5V0U5BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
logo
Nexperia B.V. All right...
PESD5V0U5BF NEXPERIA-PESD5V0U5BF Datasheet
225Kb / 11P
Ultra low capacitance bidirectional fivefold ESD protection array
28 December 2022
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
PESD5V0U5BV NEXPERIA-PESD5V0U5BV Datasheet
210Kb / 11P
Ultra low capacitance bidirectional fivefold ESD protection array
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com