Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD5V0L1UB Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PESD5V0L1UB Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PESD5V0L1UB
Download  PESD5V0L1UB Download
File Size   1236.28 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactionce 1-Line Unidirectional TVS Diode

PESD5V0L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0L1UB Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PESD5V0L1UB
Download  PESD5V0L1UB Click to download

File Size   1236.28 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactionce 1-Line Unidirectional TVS Diode

PESD5V0L1UB Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PESD5V0L1UB Product details

Features

® Ultra low capacitance: 0.5pF typical

® Ultra low leakage: nA level

® Low operating voltage: 5V

© Low clamping voltage

© 2-pin leadless package

® Complies with following standards:

‘® — IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: £30kV

@ — IEC61000-4-5 (Lightning)4A (8/20ps)

® RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L1UB NXP-PESD5V0L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0L1UB NEXPERIA-PESD5V0L1UB Datasheet
241Kb / 11P
Low capacitance unidirectional ESD protection diodes
11 April 2023
logo
Guangdong Youtai Semico...
PESD5V0L1UB UMW-PESD5V0L1UB Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
logo
EVER SEMICONDUCTOR CO.,...
PESD5V0L1UB EVVOSEMI-PESD5V0L1UB Datasheet
240Kb / 5P
ESD Suppressor Diode TVS Uni-Dir 5V 12Vc Automotive 2-Pin SOD-323 T/R
Rev:2023A2
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
More results


Similar Description - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD2USB3UV-TR TECHPUBLIC-PESD2USB3UV-TR Datasheet
1Mb / 4P
Low Capactionce 2-Line Uni-directional TVS Diode
RCLAMP0521P TECHPUBLIC-RCLAMP0521P Datasheet
1Mb / 4P
Low Capactionce 1-Line Bi-directional TVS Diode
RCLAMP3321P TECHPUBLIC-RCLAMP3321P Datasheet
897Kb / 4P
Low Capactionce 1-Line Bi-directional TVS Diode
TPAZ1023-04F TECHPUBLIC-TPAZ1023-04F Datasheet
964Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPE05RUL TECHPUBLIC-TPE05RUL Datasheet
956Kb / 4P
Low Capactionce 1-Line Uni-directional TVS Diode
TPESD3324PA TECHPUBLIC-TPESD3324PA Datasheet
618Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPESD7504MUTAG TECHPUBLIC-TPESD7504MUTAG Datasheet
622Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPESD8004MUTAG TECHPUBLIC-TPESD8004MUTAG Datasheet
620Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPPUSB3FR4 TECHPUBLIC-TPPUSB3FR4 Datasheet
616Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPSP3420-04UTG TECHPUBLIC-TPSP3420-04UTG Datasheet
637Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com