Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP74LVC1G04D6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP74LVC1G04D6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP74LVC1G04D6
Download  TP74LVC1G04D6 Download
File Size   5805.74 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE INVERTER GATE

TP74LVC1G04D6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP74LVC1G04D6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP74LVC1G04D6
Download  TP74LVC1G04D6 Click to download

File Size   5805.74 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE INVERTER GATE

TP74LVC1G04D6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP74LVC1G04D6 Product details

Features
» Operation voltage range: 1.65~5.5V
Inputs Accept Voltages up to 5.5 V Allowing
Down Translation to VCC
« £24mA output drive (VCC=3.3V)
» Low Power Consumption, 10-pA Max ICC
» ESD Protection Exceeds JESD 22
~2000-V Human-Body Model (A114-A)
-200-V Machine Model (A115-A)
~1000-V Charged-Device Model (C101)




Similar Part No. - TP74LVC1G04D6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP74LVC1G00 TECHPUBLIC-TP74LVC1G00 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00C5 TECHPUBLIC-TP74LVC1G00C5 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00D6 TECHPUBLIC-TP74LVC1G00D6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00N6 TECHPUBLIC-TP74LVC1G00N6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00P6 TECHPUBLIC-TP74LVC1G00P6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
More results


Similar Description - TP74LVC1G04D6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com