Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP74LVC1G06N6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP74LVC1G06N6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP74LVC1G06N6
Download  TP74LVC1G06N6 Download
File Size   5865.45 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE INVERTER WITH OPEN-DRAIN OUTPUT

TP74LVC1G06N6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP74LVC1G06N6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP74LVC1G06N6
Download  TP74LVC1G06N6 Click to download

File Size   5865.45 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE INVERTER WITH OPEN-DRAIN OUTPUT

TP74LVC1G06N6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP74LVC1G06N6 Product details

Features

» Operate from 1.65V to 5.5V

« Input and Open-Drain Output
Accept Voltages to 5.5V

© Max tPD of 4 ns at 3.3V

» ESD Protection Exceeds JESD 22
-2000-V Human-Body Model (A114-A)
-200-V Machine Model (A115-A)
-1000-V Charged-Device Model (C101)




Similar Part No. - TP74LVC1G06N6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP74LVC1G00 TECHPUBLIC-TP74LVC1G00 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00C5 TECHPUBLIC-TP74LVC1G00C5 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00D6 TECHPUBLIC-TP74LVC1G00D6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00N6 TECHPUBLIC-TP74LVC1G00N6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
TP74LVC1G00P6 TECHPUBLIC-TP74LVC1G00P6 Datasheet
5Mb / 10P
SINGLE 2-INPUT NAND GATE
More results


Similar Description - TP74LVC1G06N6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Rev 1
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
Single Inverter with Open Drain Output
March, 2020 - Rev. 12
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com