Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CARRIER-SW-95 Datasheet (PDF) - TEWS Technologies GmbH

CARRIER-SW-95 Datasheet PDF - TEWS Technologies GmbH
Part # CARRIER-SW-95
Download  CARRIER-SW-95 Download
File Size   360.86 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Expansion Card for 4 IndustryPack

CARRIER-SW-95 Datasheet (PDF)

Go To PDF Page Download Datasheet
CARRIER-SW-95 Datasheet PDF - TEWS Technologies GmbH

Part # CARRIER-SW-95
Download  CARRIER-SW-95 Click to download

File Size   360.86 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Expansion Card for 4 IndustryPack

CARRIER-SW-95 Datasheet (HTML) - TEWS Technologies GmbH


CARRIER-SW-95 Product details

Application Information
The TVME230 is a 6U Expansion Card for VMEbus CPU’s
with a PCI Expansion Connector like the TVME8240A,
TVME8300, TVME8400, MVME5500, MVME5100,
MVME3100, MVME2300 or MVME2400. It provides
access to four single-size or two double-size IndustryPack
(IP) modules via the PCI Expansion Connector. This adds
200 additional I/O lines to the CPU, used to build modular,
flexible and cost effective I/O solutions for applications in
process control, medical systems, telecommunication and
traffic control.
For improved EMI protection, four HD50 SCSI-2 type
connectors are mounted in the EMI front panel of the
TVME230 and provide access to all IP I/O lines. Status
indicators for IP access, +5V and +/-12V are provided in
the front panel.
As an order option, the TVME230 is available with
standard VME handles or IEEE1101 handles.
The TVME230 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
All IP interrupt request lines are mapped to PCI INTA. For
fast interrupt source detection, the TVME230 provides a
special IP interrupt status register.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
to +85°C.




Similar Part No. - CARRIER-SW-95

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
192Kb / 2P
Carrier for 1 IndustryPack®
2017-09-20
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
CARRIER-SW-95 TEWS-CARRIER-SW-95 Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
More results


Similar Description - CARRIER-SW-95

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
PCI Express Mini Card expansion
logo
List of Unclassifed Man...
PCIS-8580-4S ETC2-PCIS-8580-4S Datasheet
270Kb / 1P
PCI-to-PCI Expansion Systems
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
PCI Express Mini Card expansion
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Contec Co., Ltd
EADBE CONTEC-EADBE Datasheet
152Kb / 2P
PCI Bus Expansion Adapter for PCI Bus PC-Slot
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
PCI & Mini-PCI Expansion Card
30-Oct-2015
PCE-GIGE2 ADVANTECH-PCE-GIGE2 Datasheet
547Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
22-Jan-2018
PCE-GIGE2 ADVANTECH-PCE-GIGE2_V01 Datasheet
568Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com