Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3036437 Datasheet (PDF) - PHOENIX CONTACT

3036437 Datasheet PDF - PHOENIX CONTACT
Part # 3036437
Download  3036437 Download
File Size   254.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4 BU - Feed-through terminal block

3036437 Datasheet (PDF)

Go To PDF Page Download Datasheet
3036437 Datasheet PDF - PHOENIX CONTACT

Part # 3036437
Download  3036437 Click to download

File Size   254.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4 BU - Feed-through terminal block

3036437 Datasheet (HTML) - PHOENIX CONTACT


3036437 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, number of
connections: 2, connection method: Spring-cage connection, 1 level, Rated cross section: 4
mm2, cross section: 0.08 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3036437

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3036436199 WURTH-3036436199 Datasheet
298Kb / 3P
WE-LT Conductive Shielding Gasket
001.000
More results


Similar Description - 3036437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3033168 PHOENIX-3033168 Datasheet
132Kb / 15P
Feed-through terminal block - STTBU 4 BU
3036589 PHOENIX-3036589 Datasheet
115Kb / 12P
Feed-through terminal block - STS 4-TWIN/L BU
3037481 PHOENIX-3037481 Datasheet
136Kb / 16P
Feed-through terminal block - STS 4 OG
3037494 PHOENIX-3037494 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4 RD
3037533 PHOENIX-3037533 Datasheet
120Kb / 12P
Feed-through terminal block - STS 4-TWIN OG
3037546 PHOENIX-3037546 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4-QUATTRO OG
3211856 PHOENIX-3211856 Datasheet
189Kb / 24P
Feed-through terminal block - PTU 4 BU
3213602 PHOENIX-3213602 Datasheet
76Kb / 5P
Feed-through terminal block - PTS 4 BU
3211760 PHOENIX-3211760 Datasheet
627Kb / 30P
Feed-through terminal block - PT 4 BU
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com