Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YB1506 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1506 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1506
Download  YB1506 Download
File Size   566.97 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter , White LED Driver

YB1506 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1506 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1506
Download  YB1506 Click to download

File Size   566.97 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter , White LED Driver

YB1506 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1506 Product details

Description

The YB1506 is a step-up(Boost) DC-DC converter; operate as current source to drive up to 5 white LEDs in series. Series connecting of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The light intensity of these LEDs is proportional to the current passing through them. The low off-time permits the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand held equipment.



Features

 Internal switch

 Adjustable output voltage up to 22V

 2.2V to 6.5V input range

 0.1uA shutdown current

 Small 5-Lead SOT-23 package

 High efficiency

 Drives 5 white LEDs

 Over voltage protection

 

Applications

 LCD Display Module

 White LED Backlighting

 PDAs

 Digital Cameras

 Portable Application

 Cellular Phone

 Electronic books



 




Similar Part No. - YB1506

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1508P YOBON-YB1508P Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
More results


Similar Description - YB1506

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com