Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10D2405B Datasheet (PDF) - AG Electronica

10D2405B Datasheet PDF - AG Electronica
Part # 10D2405B
Download  10D2405B Download
File Size   418.19 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA (18V-36V) SALIDA 5V 2A 10W

10D2405B Datasheet (PDF)

Go To PDF Page Download Datasheet
10D2405B Datasheet PDF - AG Electronica

Part # 10D2405B
Download  10D2405B Click to download

File Size   418.19 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA (18V-36V) SALIDA 5V 2A 10W

10D2405B Datasheet (HTML) - AG Electronica


10D2405B Product details

Product features
 Ultra-thin small size standard package and standard pins
 Wide range input voltage: 18~36VDC
 Low power consumption, environmental protection, standby power consumption is only 0.3W (typical value)
 Input and output isolation withstand voltage 1500VDC
 Ultra-fast startup: 100ms (typical value)
 High efficiency, conversion efficiency up to 86% (Typ)
 Operating temperature range: -40°C~+85°C
 Good output short circuit and over current protection and self-recovery
 High reliability, long life design, continuous work over 100000H
 Potting and sealing with high-quality environmentally friendly waterproof and thermal conductive glue, dustproof, moistureproof, shockproof and flame retardant
 Meet UL/CE/EMC and safety testing requirements
 Can be used in medical, industrial control, electric power, instrumentation, communication, railway and other fields

Pin description:
1: -Vin input negative; 2: +Vin input positive; 3: +Vo output positive; 4: NC; 5: -Vo output negative; 6: NC
*Note: If the definition of each pin of the power module does not match the selection manual, the label on the physical label shall prevail.




Similar Part No. - 10D2405B

ManufacturerPart #DatasheetDescription
logo
AG Electronica
10D2405 AGELECTRONICA-10D2405 Datasheet
417Kb / 5P
CONVERTIDOR DC-DC ENTRADA (9V-36V) SALIDA 5V 2A 10W
06/06/2022
More results


Similar Description - 10D2405B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
2A, 36V DC/DC 關Module
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
List of Unclassifed Man...
XL1410 ETC2-XL1410 Datasheet
259Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
logo
Diodes Incorporated
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Maxim Integrated Produc...
MAX17596EVKIT MAXIM-MAX17596EVKIT Datasheet
1Mb / 11P
One 18V–36V DC, 2A power supply Evaluation Kit
Rev 0; 7/15
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
Max. output 36V DC, 2A
20210902-J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com