Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ22T1G-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

MMSZ22T1G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # MMSZ22T1G-TP
Download  MMSZ22T1G-TP Download
File Size   3822.28 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 500m Watt Zener Voltage Regulators

MMSZ22T1G-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ22T1G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # MMSZ22T1G-TP
Download  MMSZ22T1G-TP Click to download

File Size   3822.28 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 500m Watt Zener Voltage Regulators

MMSZ22T1G-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


MMSZ22T1G-TP Product details

Features

» Low Zener Impedance

» Power Dissipation of 500mW
«High Stability and High Reliability
« Halogen free and RoHS compliant
» SOD123 surface mount package




Similar Part No. - MMSZ22T1G-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ22T1G ONSEMI-MMSZ22T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ22T1G ONSEMI-MMSZ22T1G Datasheet
157Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ22T1G ONSEMI-MMSZ22T1G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ22T1G ONSEMI-MMSZ22T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ22T1G ONSEMI-MMSZ22T1G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
More results


Similar Description - MMSZ22T1G-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A Datasheet
85Kb / 2P
1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
Frontier Electronics.
GDZ2.0A FRONTIER-GDZ2.0A Datasheet
125Kb / 4P
500m WATT ZENER DIODE
GDZJ2.0A FRONTIER-GDZJ2.0A Datasheet
123Kb / 4P
500m WATT ZENER DIODE
logo
ON Semiconductor
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com