Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ACT11PWRQ1 Datasheet (PDF) - Texas Instruments

SN74ACT11PWRQ1 Datasheet PDF - Texas Instruments
Part # SN74ACT11PWRQ1
Download  SN74ACT11PWRQ1 Download
File Size   1468.52 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74ACT11-Q1 Automotive Triple 3-Input AND Gates

SN74ACT11PWRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT11PWRQ1 Datasheet PDF - Texas Instruments

Part # SN74ACT11PWRQ1
Download  SN74ACT11PWRQ1 Click to download

File Size   1468.52 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74ACT11-Q1 Automotive Triple 3-Input AND Gates

SN74ACT11PWRQ1 Datasheet (HTML) - Texas Instruments


SN74ACT11PWRQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 8ns max at VCC = 5V

2 Applications
• Combine power good signals
• Combine enable signals

3 Description
The SN74ACT11-Q1 device contains three
independent 3-input AND gates. These devices
perform the Boolean function Y = A • B • C in positive
logic.




Similar Part No. - SN74ACT11PWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT11PWR TI1-SN74ACT11PWR Datasheet
988Kb / 18P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11PWR TI1-SN74ACT11PWR Datasheet
2Mb / 36P
SNx4ACT11 Triple 3-Input AND Gates
FEBRUARY 2025
More results


Similar Description - SN74ACT11PWRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Panasonic Semiconductor
MN4073B PANASONIC-MN4073B Datasheet
115Kb / 2P
TRIPLE 3-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
Triple 3-input AND Gates
logo
Aeroflex Circuit Techno...
UT54ACS11 AEROFLEX-UT54ACS11 Datasheet
228Kb / 9P
Triple 3-Input AND Gates
logo
Texas Instruments
SN74HCS11-Q1 TI1-SN74HCS11-Q1 Datasheet
214Kb / 15P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS27-Q1 TI1-SN74HCS27-Q1 Datasheet
293Kb / 18P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS11-Q1 TI1-SN74HCS11-Q1_V01 Datasheet
413Kb / 20P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS4075-Q1 TI1-SN74HCS4075-Q1_V01 Datasheet
416Kb / 21P
SN74HCS4075-Q1 Automotive Triple 3-Input OR Gates with Schmitt-Trigger Inputs
SN74LVC11A-Q1 TI1-SN74LVC11A-Q1 Datasheet
892Kb / 20P
SN74LVC11A-Q1 Automotive Triple 3-Input AND Gates
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com