Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG50H12T2 Datasheet (PDF) - StarPower Europe AG

DG50H12T2 Datasheet PDF - StarPower Europe AG
Part # DG50H12T2
Download  DG50H12T2 Download
File Size   660.04 Kbytes
Page   12 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/50A IGBT with Diode

DG50H12T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG50H12T2 Datasheet PDF - StarPower Europe AG

Part # DG50H12T2
Download  DG50H12T2 Click to download

File Size   660.04 Kbytes
Page   12 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/50A IGBT with Diode

DG50H12T2 Datasheet (HTML) - StarPower Europe AG


DG50H12T2 Product details

General Description
DOSEMI IGBT Power Discrete provides ultra low conduction loss as well as low switching loss. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 Low switching loss
 Maximum junction temperature 175oC
 VCE(sat) with positive temperature coefficient
 Fast & soft reverse recovery anti-parallel FWD

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - DG50H12T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DG501 ETC1-DG501 Datasheet
233Kb / 5P
8-Channel Multiplex Switch with Decode
logo
Vishay Siliconix
DG5043 VISHAY-DG5043 Datasheet
38Kb / 3P
Monolithic General-Purpose CMOS Analog Switch
28-Apr-97
DG5043CJ VISHAY-DG5043CJ Datasheet
38Kb / 3P
Monolithic General-Purpose CMOS Analog Switch
28-Apr-97
logo
Intersil Corporation
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
CMOS Analog Multiplexers
May 2001
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
Monolithic CMOS Analog Multiplexers
More results


Similar Description - DG50H12T2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI50F-120 FUJI-2MBI50F-120 Datasheet
125Kb / 4P
IGBT(1200V 50A)
2MBI50L-120 FUJI-2MBI50L-120 Datasheet
124Kb / 4P
IGBT(1200V 50A)
2MBI50N-120 FUJI-2MBI50N-120 Datasheet
99Kb / 4P
IGBT(1200V 50A)
6MBI50F-120 FUJI-6MBI50F-120 Datasheet
126Kb / 4P
IGBT(1200V 50A)
6MBI50L-120 FUJI-6MBI50L-120 Datasheet
128Kb / 4P
IGBT(1200V 50A)
6MBI50S-120 FUJI-6MBI50S-120 Datasheet
518Kb / 4P
IGBT(1200V/50A)
6MBP50RA120 FUJI-6MBP50RA120 Datasheet
343Kb / 7P
IGBT(1200V/50A)
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
IGBT MODULE(1200V,50A)
logo
MacMic
MM50G3T120BM MACMIC-MM50G3T120BM Datasheet
617Kb / 5P
1200V 50A IGBT
MM50G3U120BMX MACMIC-MM50G3U120BMX Datasheet
617Kb / 5P
1200V 50A IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com