Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TQM300NB06DCR Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TQM300NB06DCR Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TQM300NB06DCR
Download  TQM300NB06DCR Download
File Size   448.91 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description AUTOMOTIVE Dual N-Channel 60V 175°C MOSFET

TQM300NB06DCR Datasheet (PDF)

Go To PDF Page Download Datasheet
TQM300NB06DCR Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TQM300NB06DCR
Download  TQM300NB06DCR Click to download

File Size   448.91 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description AUTOMOTIVE Dual N-Channel 60V 175°C MOSFET

TQM300NB06DCR Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TQM300NB06DCR Product details

FEATURES
● AEC-Q101 Qualified
● 100% UIS and Rg Tested
● 175°C Operating Junction Temperature
● Wettable Flank Package
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● 12V Automotive Systems
● Solenoid and Motor Control
● Automotive Transmission Control
● DC-DC Converters




Similar Part No. - TQM300NB06DCR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQM300NB06CR TSC-TQM300NB06CR Datasheet
483Kb / 7P
AUTOMOTIVE N-Channel 60V 175°C MOSFET
Version: A2006
TQM300NB06CV TSC-TQM300NB06CV Datasheet
315Kb / 7P
N-Channel Power MOSFET
Version: C2403
More results


Similar Description - TQM300NB06DCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPSQ DIODES-DMNH6042SPSQ Datasheet
542Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
August 2016
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPD DIODES-DMTH6010LPD_V01 Datasheet
527Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 November 2021
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH6010LPDWQ DIODES-DMTH6010LPDWQ Datasheet
572Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 1 - 2
DMTH6016LFVW DIODES-DMTH6016LFVW Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 3 - 2
DMTH6016LFVWQ DIODES-DMTH6016LFVWQ Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 4 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com