Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSCDH16065G1 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSCDH16065G1 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSCDH16065G1
Download  TSCDH16065G1 Download
File Size   374.93 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16A, 650V SiC Merged PIN Schottky Diode

TSCDH16065G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSCDH16065G1 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSCDH16065G1
Download  TSCDH16065G1 Click to download

File Size   374.93 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 16A, 650V SiC Merged PIN Schottky Diode

TSCDH16065G1 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSCDH16065G1 Product details

FEATURES
Max junction temperature 175°C
MPS structure for high ruggedness to forward current
surge events
High-speed switching possible
High forward surge capability
High-frequency operation
Positive temperature coefficient on VF
RoHS compliant
Halogen-free
APPLICATIONS
General purpose
Switch mode power supplies
Power factor correction




Similar Part No. - TSCDH16065G1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCDH20065G1 TSC-TSCDH20065G1 Datasheet
393Kb / 6P
20A, 650V SiC Merged PIN Schottky Diode
Version: A2404
TSCDH30065G1 TSC-TSCDH30065G1 Datasheet
393Kb / 6P
30A, 650V SiC Merged PIN Schottky Diode
Version: A2404
TSCDH40065G1 TSC-TSCDH40065G1 Datasheet
394Kb / 6P
40A, 650V SiC Merged PIN Schottky Diode
Version: A2404
More results


Similar Description - TSCDH16065G1

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GE2X8MPS06D GENESIC-GE2X8MPS06D Datasheet
506Kb / 7P
650V 16A SiC Schottky MPS??Diode
logo
Vishay Siliconix
VS-C20ET07T-M3 VISHAY-VS-C20ET07T-M3 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 20 A
16-Apr-2021
VS-C08ET07T-M3 VISHAY-VS-C08ET07T-M3 Datasheet
153Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 8 A
16-Apr-2021
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
16A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06560KSD UNITEDSIC-UJ3D06560KSD Datasheet
466Kb / 6P
650V 60A SiC Merged PiN-Schottky Diode
Revision C, January 2019
UJD06516K UNITEDSIC-UJD06516K Datasheet
527Kb / 4P
16A - 650V SiC Schottky Diode
Rev 1.02
logo
Vishay Siliconix
VS-C06ET07T-M3 VISHAY-VS-C06ET07T-M3_V01 Datasheet
156Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 6 A
16-Apr-2021
VS-C08ET07T-M3 VISHAY-VS-C08ET07T-M3_V01 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 8 A
16-Apr-2021
VS-C12ET07T-M3 VISHAY-VS-C12ET07T-M3_V01 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 12 A
16-Apr-2021
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com