Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3007B Datasheet (PDF) - AXElite technology co. ltd

AX3007B Datasheet PDF - AXElite technology co. ltd
Part # AX3007B
Download  AX3007B Download
File Size   1046.91 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 52KHz, 2A PWM Buck DC/DC Converter

AX3007B Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3007B Datasheet PDF - AXElite technology co. ltd

Part # AX3007B
Download  AX3007B Click to download

File Size   1046.91 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 52KHz, 2A PWM Buck DC/DC Converter

AX3007B Datasheet (HTML) - AXElite technology co. ltd


AX3007B Product details

 GENERAL DESCRIPTION
The AX3007B series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 2A load without additional transistor. It saves board space. The external shutdown funct ion can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperatu re operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced.
The AX3007B series operates at a switching frequency of 52KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The chips are available in standard SOP-8L , SOP-8L-EP and TO263-5L packages.

 FEATURES
- Output voltage: 3.3V, 5V, 12V and adjustable output version.
- Adjustable version output voltage range, 1.23V to 38.5V.
- 52KHz fixed switching frequency.
- Voltage mode non synchronous PWM control.
- Thermal shutdown and current limit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 40V.
- Output load current: 2A.
- SOP-8L , SOP-8L with Exposed Pad and TO263-5L Pb-Free packages.
- Low power standby mode.
- Built-in switching transistor on chip.
- RoHS and Halogen free compliance.




Similar Part No. - AX3007B

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3007 AXELITE-AX3007 Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12ES AXELITE-AX3007-12ES Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12ESA AXELITE-AX3007-12ESA Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12M5 AXELITE-AX3007-12M5 Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12M5A AXELITE-AX3007-12M5A Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
More results


Similar Description - AX3007B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com