Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3022F5A Datasheet (PDF) - AXElite technology co. ltd

AX3022F5A Datasheet PDF - AXElite technology co. ltd
Part # AX3022F5A
Download  AX3022F5A Download
File Size   347.13 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 200KHz, 1.5A PWM Buck DC/DC Converter

AX3022F5A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3022F5A Datasheet PDF - AXElite technology co. ltd

Part # AX3022F5A
Download  AX3022F5A Click to download

File Size   347.13 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 200KHz, 1.5A PWM Buck DC/DC Converter

AX3022F5A Datasheet (HTML) - AXElite technology co. ltd


AX3022F5A Product details

 GENERAL DESCRIPTION
The AX3022 series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 1.5A load without additional transistor. It saves board space. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced. The AX3022 series operates at a switching frequency of 200KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. Other features include a guaranteed +3% tolerance on output voltage under specified input voltage and output load conditions, The chips are available in a standard SOT89-5L package.

 FEATURES
- Output voltage: adjustable output version.
- Adjustable version output voltage range: 0.75V to 22V+3%.
- 200KHz fixed switching frequency.
- Voltage mode non-synchronous PWM control.
- Thermal-shutdown and current-limit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 24V.
- Output load current: 1.5A.
- SOT89-5L Pb-Free packages.
- Low power standby mode.
- Built-in switching transistor on chip.




Similar Part No. - AX3022F5A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3023 AXELITE-AX3023 Datasheet
459Kb / 11P
200KHz, 1A PWM Buck DC/DC Converter
Rev.1.4 Mar.13, 2014
AX3023B AXELITE-AX3023B Datasheet
459Kb / 11P
200KHz, 1A PWM Buck DC/DC Converter
Rev.1.4 Mar.13, 2014
AX3023BA AXELITE-AX3023BA Datasheet
459Kb / 11P
200KHz, 1A PWM Buck DC/DC Converter
Rev.1.4 Mar.13, 2014
AX3023S AXELITE-AX3023S Datasheet
459Kb / 11P
200KHz, 1A PWM Buck DC/DC Converter
Rev.1.4 Mar.13, 2014
AX3023SA AXELITE-AX3023SA Datasheet
459Kb / 11P
200KHz, 1A PWM Buck DC/DC Converter
Rev.1.4 Mar.13, 2014
More results


Similar Description - AX3022F5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.0 Oct 29, 2004
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
200KHz, PWM Buck DC/DC & Linear Controller
Rev.1.1 Nov 17, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595_11 Datasheet
258Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com