Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JQX-141FF1CS16ADC30.543.3 Datasheet (PDF) - DB Lectro Inc

JQX-141FF1CS16ADC30.543.3 Datasheet PDF - DB Lectro Inc
Part # JQX-141FF1CS16ADC30.543.3
Download  JQX-141FF1CS16ADC30.543.3 Download
File Size   678.53 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Relay covers switching capacity from 10A to 16A

JQX-141FF1CS16ADC30.543.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
JQX-141FF1CS16ADC30.543.3 Datasheet PDF - DB Lectro Inc

Part # JQX-141FF1CS16ADC30.543.3
Download  JQX-141FF1CS16ADC30.543.3 Click to download

File Size   678.53 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Relay covers switching capacity from 10A to 16A

JQX-141FF1CS16ADC30.543.3 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - JQX-141FF1CS16ADC30.543.3

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-141FF1C HUAXINAN-JQX-141FF1C Datasheet
97Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique
More results


Similar Description - JQX-141FF1CS16ADC30.543.3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
CIT Relay & Switch
J097 CIT-J097 Datasheet
125Kb / 2P
Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
Switching capacity up to 10A
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
J152 CIT-J152 Datasheet
170Kb / 3P
Switching capacity up to 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com