Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IL261E Datasheet (PDF) - NVE Corporation

IL261E Datasheet PDF - NVE Corporation
Part # IL261E
Download  IL261E Download
File Size   799.35 Kbytes
Page   17 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Five-Channel Digital Isolators

IL261E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL261E Datasheet PDF - NVE Corporation

Part # IL261E
Download  IL261E Click to download

File Size   799.35 Kbytes
Page   17 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Five-Channel Digital Isolators

IL261E Datasheet (HTML) - NVE Corporation


IL261E Product details

Features
• High Speed: 110 Mbps
• 1.2 mA/channel typical quiescent current
• Very high isolation: 6 kVRMS Reinforced Isolation (VE-Series)
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• No carrier or clock for low EMI emissions and susceptibility
• −40 to 85 °C operating temperature
• 44000-year barrier life
• Excellent magnetic immunity
• 2 ns typical pulse width distortion
• 100 ps pulse jitter
• 4 ns typical propagation delay skew
• 10 ns typical propagation delay
• 2 ns channel-to-channel skew
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 0.15" and True 8™ mm 16-pin SOIC; 16-pin QSOP packages
Applications
• ADCs and DACs
• Multiplexed data transmission
• Board-to-board communication
• Peripheral interfaces
• Equipment covered under IEC 61010-1 Edition 3
• >5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL261E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL261E ETC-IL261E Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
IL261ETR13 ETC-IL261ETR13 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
IL261ETR7 ETC-IL261ETR7 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
More results


Similar Description - IL261E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL26X ETC-IL26X Datasheet
489Kb / 7P
High Speed Five Channel Digital Coupler
IL260 ETC-IL260 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com