Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1020079 Datasheet (PDF) - PHOENIX CONTACT

1020079 Datasheet PDF - PHOENIX CONTACT
Part # 1020079
Download  1020079 Download
File Size   318.99 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72D 50A - Miniature Circuit Breaker

1020079 Datasheet (PDF)

Go To PDF Page Download Datasheet
1020079 Datasheet PDF - PHOENIX CONTACT

Part # 1020079
Download  1020079 Click to download

File Size   318.99 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72D 50A - Miniature Circuit Breaker

1020079 Datasheet (HTML) - PHOENIX CONTACT


1020079 Product details

Miniature Circuit Breaker thermal-magnetic, 2-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: D, mounting type: NS 35/..., rated current: 50 A




Similar Part No. - 1020079

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020070 PHOENIX-1020070 Datasheet
321Kb / 8P
TMC 72D 12A - Miniature Circuit Breaker
1020073 PHOENIX-1020073 Datasheet
321Kb / 8P
TMC 72D 16A - Miniature Circuit Breaker
logo
Littelfuse
1020074Z LITTELFUSE-1020074Z Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
PHOENIX CONTACT
1020075 PHOENIX-1020075 Datasheet
321Kb / 8P
TMC 72D 25A - Miniature Circuit Breaker
1020076 PHOENIX-1020076 Datasheet
319Kb / 8P
TMC 72D 30A - Miniature Circuit Breaker
More results


Similar Description - 1020079

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM150 SCHNEIDER-HOM150 Datasheet
92Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 50A
Nov 22, 2019
HOM150CP SCHNEIDER-HOM150CP Datasheet
125Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 50A
Nov 22, 2019
HOM250 SCHNEIDER-HOM250 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
HOM250C SCHNEIDER-HOM250C Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
HOM250CP SCHNEIDER-HOM250CP Datasheet
128Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
EDB24050CA SCHNEIDER-EDB24050CA Datasheet
56Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 50A
Jun 17, 2020
EDB34050LH SCHNEIDER-EDB34050LH Datasheet
54Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 50A
Jun 17, 2020
EJB14050SA SCHNEIDER-EJB14050SA Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 50A
Jun 17, 2020
logo
PHOENIX CONTACT
0902140 PHOENIX-0902140 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 50A
01.06.2012
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com