Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3911 Datasheet (PDF) - Toshiba Semiconductor

K3911 Datasheet PDF - Toshiba Semiconductor
Part # K3911
Download  K3911 Download
File Size   193.16 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-Channel MOS Type Switching Regulator Applications

K3911 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3911 Datasheet PDF - Toshiba Semiconductor

Part # K3911
Download  K3911 Click to download

File Size   193.16 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-Channel MOS Type Switching Regulator Applications

K3911 Datasheet (HTML) - Toshiba Semiconductor


K3911 Product details

Switching Regulator Applications



• Small gate charge: Qg= 60 nC (typ.)

• Low drain-source ON resistance: RDS (ON)= 0.22 Ω(typ.)

• High forward transfer admittance: |Yfs| = 11 S (typ.)

• Low leakage current: IDSS= 500 μA (VDS= 600 V)

• Enhancement model: Vth= 2.0 to 4.0 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - K3911

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K3918 VBSEMI-K3918 Datasheet
996Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
NEC
K3918 NEC-K3918 Datasheet
160Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
K3918-ZK VBSEMI-K3918-ZK Datasheet
917Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
NEC
K3919 NEC-K3919 Datasheet
167Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
K391J15C0GF5.H5 VISHAY-K391J15C0GF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
More results


Similar Description - K3911

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3569 TOSHIBA-2SK3569_06 Datasheet
236Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3869 TOSHIBA-2SK3869 Datasheet
249Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com