Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0812971 Datasheet (PDF) - PHOENIX CONTACT

0812971 Datasheet PDF - PHOENIX CONTACT
Part # 0812971
Download  0812971 Download
File Size   179.99 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 5/OG:LGS 110-200 - Zack marker strip

0812971 Datasheet (PDF)

Go To PDF Page Download Datasheet
0812971 Datasheet PDF - PHOENIX CONTACT

Part # 0812971
Download  0812971 Click to download

File Size   179.99 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 5/OG:LGS 110-200 - Zack marker strip

0812971 Datasheet (HTML) - PHOENIX CONTACT


0812971 Product details

Zack marker strip, Strip, orange, labeled, printed horizontally: Sets of ten 110 - 200, mounting
type: snap into tall marker groove, for terminal block width: 5.2 mm, Number of individual labels:
10




Similar Part No. - 0812971

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08129 QUALTEK-08129 Datasheet
221Kb / 1P
WIRE FORM FAN GUARD (120mm)
More results


Similar Description - 0812971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0824972 PHOENIX-0824972 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/RD CUS
0824974 PHOENIX-0824974 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/VT CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
1050033-0005 PHOENIX-1050033-0005 Datasheet
55Kb / 2P
Zack marker strip - ZB 5,LGS:GLEICHE ZAHLEN 5
1050033-0006 PHOENIX-1050033-0006 Datasheet
55Kb / 2P
Zack marker strip - ZB 5,LGS:GLEICHE ZAHLEN 6
1050127 PHOENIX-1050127 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:1-9
1050295 PHOENIX-1050295 Datasheet
53Kb / 2P
Zack marker strip - ZB 5:SO/CMS
0812641 PHOENIX-0812641 Datasheet
53Kb / 3P
Zack marker strip - ZB 5/YE:UNPRINTED
09/11/2020
0812706 PHOENIX-0812706 Datasheet
53Kb / 3P
Zack marker strip - ZB 5/OG:LGS 10-100
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com