Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT22 Datasheet (PDF) - BeRex Corporation

BNT22 Datasheet PDF - BeRex Corporation
Part # BNT22
Download  BNT22 Download
File Size   2782.39 Kbytes
Page   23 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 500-8000 MHz BROADBAND AMPLIFIER

BNT22 Datasheet (PDF)

Go To PDF Page Download Datasheet
BNT22 Datasheet PDF - BeRex Corporation

Part # BNT22
Download  BNT22 Click to download

File Size   2782.39 Kbytes
Page   23 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 500-8000 MHz BROADBAND AMPLIFIER

BNT22 Datasheet (HTML) - BeRex Corporation


BNT22 Product details

Device Features
• Gain = 20.5dB @ 3.5GHz
• Output P1 dB = 19.5 dBm @ 3.5GHz
• OIP3 = 34.0dBm @ 3.5GHz
• Internally matched to 50 ohms
• Gain Flatness < ±0.5dB @ 0.7~4GHz
• Integrated Blocking Capacitors in Amplifier
• Green/RoHS2 Compliant DFN 8L 2x2 Package
• Fast shut down to support TDD systems

Product Description
The BNT22 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity in a wideband of 500-8000 MHz. The BNT22 is internally matched to 50 Ohms, and has wideband flat gain performance with gain flatness below 1dB at frequency range of 700 ~ 4000 MHz with one series capacitor. DC Input / Output block capacitors are integrated in a chip. It can be used in fast shutdown switching speed for TDLTE & TD-5G NR application. It is available in RoHS2- compliant DFN 8L 2X2 package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Repeaters
• Mobile Infrastructure
• TD-LTE / WCDMA /5G NR / WIFI
• General Purpose Wireless




Similar Part No. - BNT22

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
BNT22S CIT-BNT22S Datasheet
315Kb / 5P
CIT SWITCH
BNT22T CIT-BNT22T Datasheet
315Kb / 5P
CIT SWITCH
BNT22U CIT-BNT22U Datasheet
315Kb / 5P
CIT SWITCH
BNT22V CIT-BNT22V Datasheet
315Kb / 5P
CIT SWITCH
BNT22X CIT-BNT22X Datasheet
315Kb / 5P
CIT SWITCH
More results


Similar Description - BNT22

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0014 MACOM-MAAMSS0014 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS0014 MA-COM-MAAMSS0014 Datasheet
143Kb / 6P
Broadband Driver Amplifier 500 - 2400 MHz
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
logo
Micronetics, Inc.
NMA2517-1T MICRONETICS-NMA2517-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
NMA2517-2T MICRONETICS-NMA2517-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
logo
Advanced Semiconductor ...
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
ASW234 ASB-ASW234 Datasheet
445Kb / 8P
5-8000 MHz MMIC Amplifier
February 2010
ASW214 ASB-ASW214 Datasheet
350Kb / 12P
5 ~ 8000 MHz MMIC Amplifier
October 2013
logo
Texas Instruments
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
logo
New Jersey Semi-Conduct...
MRF525 NJSEMI-MRF525 Datasheet
123Kb / 2P
100-500 MHz BROADBAND
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com