Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWMF-0197 Datasheet (PDF) - Qorvo, Inc

AWMF-0197 Datasheet PDF - Qorvo, Inc
Part # AWMF-0197
Download  AWMF-0197 Download
File Size   526.35 Kbytes
Page   3 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K-Band Quad 4x2 Rx Beamformer IC

AWMF-0197 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWMF-0197 Datasheet PDF - Qorvo, Inc

Part # AWMF-0197
Download  AWMF-0197 Click to download

File Size   526.35 Kbytes
Page   3 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K-Band Quad 4x2 Rx Beamformer IC

AWMF-0197 Datasheet (HTML) - Qorvo, Inc


AWMF-0197 Product details

Product Features
• 17.7 to 21.2 GHz operation
• Supports 4 dual pol radiating elements
• Flexible polarization (RHCP, LHCP, linear)
• 6-bit phase control
• 5-bit gain control
• Telemetry reporting
• WLCSP for simple thermal management
• 1.2V operation

Description
The AWMF-0197 is a highly integrated silicon quad core IC
intended for satellite communications applications. The device
supports four dual polarization radiating elements with full
polarization flexibility. The IC operates from a +1.2V supply and
is packaged in a 4.4 x 3.6 mm WLCSP (Wafer Level Chip Scale
Package) for easy installation in planar phased array antennas.
The Gen-2 SATCOM IC family builds on our prior generations
improving performance, reducing cost, and providing a host of
digital functionality that simplifies active antenna design.
If you need further information about the AWMF-0197, please
contact us at beamforming-sales@qorvo.com.




Similar Part No. - AWMF-0197

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
AWMF-0198 QORVO-AWMF-0198 Datasheet
525Kb / 3P
Ka-Band Quad 4x2 Tx Beamformer IC
Rev. 6
AWMF-0198-DK QORVO-AWMF-0198-DK Datasheet
525Kb / 3P
Ka-Band Quad 4x2 Tx Beamformer IC
Rev. 6
AWMF-0198-DL QORVO-AWMF-0198-DL Datasheet
525Kb / 3P
Ka-Band Quad 4x2 Tx Beamformer IC
Rev. 6
More results


Similar Description - AWMF-0197

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
K Band Mixer
logo
Toshiba Semiconductor
TA4500F TOSHIBA-TA4500F Datasheet
335Kb / 12P
1.9 GHz Band RX Front-End IC
01-Nov-2007
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
X-band RX-TX Core Chip GaAs Monolithic Microwave IC
logo
Skyworks Solutions Inc.
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
K-Band Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-8025 AVAGO-ACPF-8025 Datasheet
147Kb / 2P
Band 25 Rx Filter
logo
Skyworks Solutions Inc.
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
Broadcom Corporation.
ACFM-2024 BOARDCOM-ACFM-2024 Datasheet
257Kb / 2P
Band 25 Rx, Band 26 Rx, Band 41 Rx Triplexer
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
K-Band Downconverter
logo
Toshiba Semiconductor
TC90207FG TOSHIBA-TC90207FG Datasheet
613Kb / 14P
LVDS-Rx IC
24-Feb-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com