Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT163T Datasheet (PDF) - Texas Instruments

CY74FCT163T Datasheet PDF - Texas Instruments
Part # CY74FCT163T
Download  CY74FCT163T Download
File Size   260.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BINARY COUNTERS

CY74FCT163T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT163T Datasheet PDF - Texas Instruments

Part # CY74FCT163T
Download  CY74FCT163T Click to download

File Size   260.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BINARY COUNTERS

CY74FCT163T Datasheet (HTML) - Texas Instruments


CY74FCT163T Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
CY54FCT163T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT163T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT163T devices are high-speed
synchronous modulo-16 binary counters. They
are synchronously presettable for application in
programmable dividers. These devices have two
types of count-enable (CEP and CET) inputs, plus a terminal-count (TC) output for versatility in forming
synchronous multistaged counters. The ’FCT163T devices have a synchronous-reset (SR) input that overrides
counting and parallel loading, and allows the outputs to be reset simultaneously on the rising edge of the clock.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT163T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163T TI-CY74FCT163T Datasheet
68Kb / 7P
4-Bit Binary Counter
CY74FCT163T TI1-CY74FCT163T Datasheet
329Kb / 12P
4-BIT BINARY COUNTERS
CY74FCT163TLCC TI-CY74FCT163TLCC Datasheet
68Kb / 7P
4-Bit Binary Counter
CY74FCT163TQSOP TI-CY74FCT163TQSOP Datasheet
68Kb / 7P
4-Bit Binary Counter
CY74FCT163TSOIC TI-CY74FCT163TSOIC Datasheet
68Kb / 7P
4-Bit Binary Counter
More results


Similar Description - CY74FCT163T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS293 HITACHI-HD74LS293 Datasheet
85Kb / 7P
4-bit Binary Counters
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
4-bit Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
Dual 4-bit Binary Counters
logo
ON Semiconductor
SN74LS160A ONSEMI-SN74LS160A Datasheet
175Kb / 7P
4-BIT BINARY COUNTERS
June, 2006 ??Rev. 7
logo
Texas Instruments
CY54FCT163T TI1-CY54FCT163T_08 Datasheet
329Kb / 12P
4-BIT BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com