Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC14ID Datasheet (PDF) - Texas Instruments

TLC14ID Datasheet PDF - Texas Instruments
Part # TLC14ID
Download  TLC14ID Download
File Size   284.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS

TLC14ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC14ID Datasheet PDF - Texas Instruments

Part # TLC14ID
Download  TLC14ID Click to download

File Size   284.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS

TLC14ID Datasheet (HTML) - Texas Instruments


TLC14ID Product details

Low Clock-to-Cutoff-Frequency Ratio Error
TLC04/MF4A-50 . . . ±0.8%
TLC14/MF4A-100 . . . ±1%
Filter Cutoff Frequency Dependent Only on
External-Clock Frequency Stability
Minimum Filter Response Deviation Due to
External Component Variations Over Time
and Temperature
Cutoff Frequency Range From 0.1 Hz
to 30 kHz, VCC± = ±2.5 V
5-V to 12-V Operation
Self Clocking or TTL-Compatible and
CMOS-Compatible Clock Inputs
Low Supply-Voltage Sensitivity
Designed to be Interchangeable With
National MF4-50 and MF4-100

description
The TLC04/MF4A-50 and TLC14/MF4A-100 are monolithic Butterworth low-pass switched-capacitor filters.
Each is designed as a low-cost, easy-to-use device providing accurate fourth-order low-pass filter functions in
circuit design configurations.
Each filter features cutoff frequency stability that is dependent only on the external-clock frequency stability. The
cutoff frequency is clock tunable and has a clock-to-cutoff frequency ratio of 50:1 with less than ±0. 8% error
for the TLC04/MF4A-50 and a clock-to-cutoff frequency ratio of 100:1 with less than ±1% error for the
TLC14/MF4A-100. The input clock features self-clocking or TTL- or CMOS-compatible options in conjunction
with the level shift (LS) terminal.
The TLC04C/MF4A-50C and TLC14C/MF4A-100C are characterized for operation from 0°C to 70°C. The
TLC04I/MF4A-50I and TLC14I/MF4A-100I are characterized for operation from –40°C to 85°C. The
TLC04M/MF4A-50M and TLC14M/MF4A-100M are characterized over the full military temperature range of
–55°C to 125°C.




Similar Part No. - TLC14ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC14ID TI-TLC14ID Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC14ID/MF4A-100ID TI1-TLC14ID/MF4A-100ID Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC14IDG4 TI1-TLC14IDG4 Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results


Similar Description - TLC14ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Texas Instruments
MF4A-50 TI-MF4A-50 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50 Datasheet
363Kb / 15P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com