Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAT54CH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAT54CH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAT54CH
Download  BAT54CH Download
File Size   458.9 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 30V Dual Schottky Barrier Diode

BAT54CH Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54CH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAT54CH
Download  BAT54CH Click to download

File Size   458.9 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 30V Dual Schottky Barrier Diode

BAT54CH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAT54CH Product details

FEATURES
AEC-Q101 qualified
Fast switching speed
Low forward voltage
Surface mound device type
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Ultra high-speed switching
Line termination
Voltage clamping
Reverse polarity protection




Similar Part No. - BAT54CH

ManufacturerPart #DatasheetDescription
logo
Rohm
BAT54CHM ROHM-BAT54CHM Datasheet
651Kb / 7P
Schottky Barrier Diode
BAT54CHM ROHM-BAT54CHM Datasheet
652Kb / 7P
Schottky Barrier Diode
Rev.001
BAT54CHMFH ROHM-BAT54CHMFH Datasheet
888Kb / 5P
Schottky Barrier Diode
BAT54CHMFH ROHM-BAT54CHMFH Datasheet
889Kb / 6P
Schottky Barrier Diode
Rev.003
BAT54CHMFHT116 ROHM-BAT54CHMFHT116 Datasheet
889Kb / 6P
Schottky Barrier Diode
Rev.003
More results


Similar Description - BAT54CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
Schottky Barrier Diode, 200mA, 30V Type
logo
AiT Semiconductor Inc.
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
30V 200mA Schottky Diode
Rev 1.1 13/07/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com