Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7824P Datasheet (PDF) - Texas Instruments

ADS7824P Datasheet PDF - Texas Instruments
Part # ADS7824P
Download  ADS7824P Download
File Size   370.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 Channel, 12-Bit Sampling CMOS A/D Converter

ADS7824P Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7824P Datasheet PDF - Texas Instruments

Part # ADS7824P
Download  ADS7824P Click to download

File Size   370.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 Channel, 12-Bit Sampling CMOS A/D Converter

ADS7824P Datasheet (HTML) - Texas Instruments


ADS7824P Product details

FEATURES
25ms max SAMPLING AND CONVERSION
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 16-BIT ADS7825
PARALLEL AND SERIAL DATA OUTPUT
28-PIN 0.3" PLASTIC DIP AND SOIC
±0.5 LSB max INL AND DNL
50mW max POWER DISSIPATION
50mW POWER DOWN MODE
±10V INPUT RANGE, FOUR CHANNEL
MULTIPLEXER
CONTINUOUS CONVERSION MODE

DESCRIPTION
The ADS7824 can acquire and convert 12 bits to
within ±0.5 LSB in 25ms max while consuming only
50mW max. Laser-trimmed scaling resistors provide
the standard industrial ±10V input range and channelto-
channel matching of ±0.1%. The ADS7824 is a
low-power 12-bit sampling A/D with a four channel
input multiplexer, S/H, clock, reference, and a
parallel/serial microprocessor interface. It can be configured
in a continuous conversion mode to sequentially
digitize all four channels. The 28-pin ADS7824
is available in a plastic 0.3" DIP and in a SOIC, both
fully specified for operation over the industrial –40°C
to +85°C range.




Similar Part No. - ADS7824P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7824P BURR-BROWN-ADS7824P Datasheet
344Kb / 16P
4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824PB BURR-BROWN-ADS7824PB Datasheet
344Kb / 16P
4 Channel, 12-Bit Sampling CMOS A/D Converter
More results


Similar Description - ADS7824P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
4 Channel, 16-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
4 Channel, 12-Bit Sampling CMOS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com