Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0650C Datasheet (PDF) - Bel Fuse Inc.

0650C Datasheet PDF - Bel Fuse Inc.
Part # 0650C
Download  0650C Download
File Size   574.89 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 5x20mm quick-acting, high breaking capacity, ceramic body cartridge fuse designed, approved and complied with IEC 60127-2, standard sheet 1.

0650C Datasheet (PDF)

Go To PDF Page Download Datasheet
0650C Datasheet PDF - Bel Fuse Inc.

Part # 0650C
Download  0650C Click to download

File Size   574.89 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 5x20mm quick-acting, high breaking capacity, ceramic body cartridge fuse designed, approved and complied with IEC 60127-2, standard sheet 1.

0650C Datasheet (HTML) - Bel Fuse Inc.


0650C Product details

Features
-High breaking capacity (250V ac @1500A)
-Meet IEC standard 60127-2, sheet 1
-Wide operating temperature range
-Bulk and Tape & Reel packing available
-Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
-Halogen Free-Lead Free

Applications
Provide individual protection for components or internal circuits.
-Power supplies-Battery charger-Monitor
-Adapter




Similar Part No. - 0650C

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
06500.0-00 STEGO-06500.0-00 Datasheet
503Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
ITT Industries
065001-0021 ITT-065001-0021 Datasheet
35Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0001 ITT-065002-0001 Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0001 Y ITT-065002-0001 Y Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0005 ITT-065002-0005 Datasheet
36Kb / 1P
MIL-DTL 26482 Series I & Mil Battery
More results


Similar Description - 0650C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5SF BEL-5SF Datasheet
101Kb / 2P
Quick-acting Fuse Series (Low Breaking Capacity)
5HF BEL-5HF Datasheet
409Kb / 2P
Quick-acting Fuse Series(High-Breaking Capacity)
logo
Littelfuse
0215010TXP LITTELFUSE-0215010TXP Datasheet
359Kb / 5P
5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
Bel Fuse Inc.
5SFP BEL-5SFP Datasheet
89Kb / 2P
Quick-acting Fuse Series (Low Breaking Capacity)
5HF-13 BEL-5HF-13 Datasheet
1Mb / 4P
QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
5SF BEL-5SF_13 Datasheet
1Mb / 4P
QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY)
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com