Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB NH74 Datasheet (PDF) - OSRAM GmbH

LB NH74 Datasheet PDF - OSRAM GmbH
Part # LB NH74
Download  LB NH74 Download
File Size   986.22 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Chip LED 0805

LB NH74 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB NH74 Datasheet PDF - OSRAM GmbH

Part # LB NH74
Download  LB NH74 Click to download

File Size   986.22 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Chip LED 0805

LB NH74 Datasheet (HTML) - OSRAM GmbH


LB NH74 Product details

Applications
- Electronic Equipment
- Gaming, Amusement, Gambling

Features:
- Package: SMT package 0805, colorless diffused resin
- Chip technology: GaAsP
- Typ. Radiation: 150°
- Color: λdom = 570 nm (● green)
- Optical efficacy: 2.5 lm/W
- Corrosion Robustness Class: 3B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)




Similar Part No. - LB NH74

ManufacturerPart #DatasheetDescription
logo
Utica Tools
LB 102 UTICA-LB 102 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
LB 142 UTICA-LB 142 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
LB 182 UTICA-LB 182 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
LB 72 UTICA-LB 72 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
LB 82 UTICA-LB 82 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
More results


Similar Description - LB NH74

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-GHC-YR1S2-3T EVERLIGHT-17-21-GHC-YR1S2-3T Datasheet
158Kb / 10P
0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-QF2012A3 TAITRON-TSP2-QF2012A3 Datasheet
317Kb / 7P
0805 PACKAGE CHIP LED
TSP2-XF2012A3 TAITRON-TSP2-XF2012A3 Datasheet
314Kb / 7P
0805 PACKAGE CHIP LED
logo
Everlight Electronics C...
17-21-G6C-FM1N2B-3T EVERLIGHT-17-21-G6C-FM1N2B-3T Datasheet
214Kb / 10P
0805 Package Chip LED
17-21-GPC-A0L1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0L1M2B0E-3T-AM Datasheet
205Kb / 12P
0805 Package Chip LED
17-21-R7C-A0N1P2B0C-3T-AM EVERLIGHT-17-21-R7C-A0N1P2B0C-3T-AM Datasheet
262Kb / 12P
0805 Package Chip LED
17-21-Y2C-A0L1M2V0B-3T-AM EVERLIGHT-17-21-Y2C-A0L1M2V0B-3T-AM Datasheet
234Kb / 13P
0805 Package Chip LED
17-21-GPC-A0N1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
205Kb / 12P
0805 Package Chip LED
EAIST2012A2 EVERLIGHT-EAIST2012A2 Datasheet
444Kb / 9P
0805 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
17-21-GPC-A0N1M2B0E-3T-AM TO-GRACE-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
571Kb / 12P
0805 Package Chip LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com