Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS15BA101SD/NOPB Datasheet (PDF) - Texas Instruments

DS15BA101SD/NOPB Datasheet PDF - Texas Instruments
Part # DS15BA101SD/NOPB
Download  DS15BA101SD/NOPB Download
File Size   466.57 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage

DS15BA101SD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS15BA101SD/NOPB Datasheet PDF - Texas Instruments

Part # DS15BA101SD/NOPB
Download  DS15BA101SD/NOPB Click to download

File Size   466.57 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage

DS15BA101SD/NOPB Datasheet (HTML) - Texas Instruments


DS15BA101SD/NOPB Product details

1FEATURES
2• Data Rates from DC to 1.5+ Gbps
• Differential or Single-ended Input
• Adjustable Output Amplitude
• Single 3.3V Supply
• Industrial -40°C to +85°C Temperature
• Low Power: 150 mW (typ) at 1.5 Gbps
• Space-saving 3 x 3 mm WSON-8 Package

APPLICATIONS
• Cable Extension Applications
• Level Translation
• Signal Buffering and Repeating
• Security Cameras

DESCRIPTION
The DS15BA101 is a high-speed differential buffer for
cable driving, level translation, signal buffering, and
signal repeating applications. Its fully differential
signal path ensures exceptional signal integrity and
noise immunity and it drives both differential and
single-ended transmission lines at data rates in excess of 1.5 Gbps.
Output voltage amplitude is adjustable via a single
external resistor for level translation and cable driving
applications into 50-ohm single-ended and 100-ohm
differential mode impedances.
The DS15BA101 is powered from a single 3.3V
supply and consumes 150 mW (typ) at 1.5 Gbps. It
operates over the full −40°C to +85°C industrial
temperature range and is available in a space saving
3x3 mm WSON-8 package.




Similar Part No. - DS15BA101SD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BA101SD/NOPB TI-DS15BA101SD/NOPB Datasheet
804Kb / 12P
Data Rates from DC to 1.5 Gbps, Differential or Single-ended Input
More results


Similar Description - DS15BA101SD/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
National Semiconductor ...
DS15BA101 NSC-DS15BA101_07 Datasheet
229Kb / 10P
1.5 Gbps Differential Buffer with Adjustable Output Voltage
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
[ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com