Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90LV804 Datasheet (PDF) - Texas Instruments

DS90LV804 Datasheet PDF - Texas Instruments
Part # DS90LV804
Download  DS90LV804 Download
File Size   411.34 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV804 4-Channel 800 Mbps LVDS Buffer/Repeater

DS90LV804 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90LV804 Datasheet PDF - Texas Instruments

Part # DS90LV804
Download  DS90LV804 Click to download

File Size   411.34 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV804 4-Channel 800 Mbps LVDS Buffer/Repeater

DS90LV804 Datasheet (HTML) - Texas Instruments


DS90LV804 Product details

1FEATURES
23• 800 Mbps Data Rate per Channel
• Low Output Skew and Jitter
• LVDS/CML/LVPECL Compatible Input, LVDS
Output
• On-Chip 100Ω Input and Output Termination
• 12 kV ESD Protection on LVDS Outputs
• Single 3.3V Supply
• Very Low Power Consumption
• Industrial -40 to +85°C Temperature Range
• Small WQFN Package Footprint

DESCRIPTION
The DS90LV804 is a four channel 800 Mbps LVDS
buffer/repeater. In many large systems, signals are
distributed across cables and signal integrity is highly
dependent on the data rate, cable type, length, and
the termination scheme.
In order to maximize signal integrity, the DS90LV804
features both an internal input and output (source)
termination to eliminate these extra components from
the board, and to also place the terminations as close
as possible to receiver inputs and driver output. This
is especially significant when driving longer cables.
The DS90LV804, available in the WQFN (Leadless
Leadframe Package) package, minimizes the
footprint, and improves system performance.
An output enable pin is provided, which allows the
user to place the LVDS outputs and internal biasing
generators in a TRI-STATE®, low power mode.
The differential inputs interface to LVDS, and Bus
LVDS signals such as those on TI's 10-, 16-, and 18-
bit Bus LVDS SerDes, as well as CML and LVPECL.
The differential inputs are internally terminated with a
100Ω resistor to improve performance and minimize
board space. This function is especially useful for
boosting signals over lossy cables or point-to-point
backplane configurations.




Similar Part No. - DS90LV804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804 Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV804 TI1-DS90LV804 Datasheet
834Kb / 15P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
National Semiconductor ...
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804TSQ NSC-DS90LV804TSQ Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
More results


Similar Description - DS90LV804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
800 Mbps LVDS Buffer
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
DS90LV001 800 Mbps LVDS Buffer
DS90LV001 TI1-DS90LV001_14 Datasheet
1Mb / 22P
800 Mbps LVDS Buffer
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
800 Mbps LVDS Buffer
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
4-Channel 800 Mbps LVDS Buffer/Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com