Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1244 Datasheet (PDF) - Texas Instruments

ADS1244 Datasheet PDF - Texas Instruments
Part # ADS1244
Download  ADS1244 Download
File Size   663.26 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1244 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1244 Datasheet PDF - Texas Instruments

Part # ADS1244
Download  ADS1244 Click to download

File Size   663.26 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1244 Datasheet (HTML) - Texas Instruments


ADS1244 Product details

FEATURES
20-BIT EFFECTIVE RESOLUTION
CURRENT CONSUMPTION: 90μA
ANALOG SUPPLY: 2.5V to 5.25V
DIGITAL SUPPLY: 1.8V to 3.6V
±5V DIFFERENTIAL INPUT RANGE
0.0002% INL (TYP), 0.0008% INL (MAX)
SIMPLE 2-WIRE SERIAL INTERFACE
SIMULTANEOUS 50Hz AND 60Hz REJECTION
SINGLE CONVERSIONS WITH SLEEP MODE
SINGLE-CYCLE SETTLING
SELF-CALIBRATION
WELL-SUITED FOR MULTICHANNEL SYSTEMS
EASILY CONNECTS TO THE MSP430

APPLICATIONS
HAND-HELD INSTRUMENTATION
PORTABLE MEDICAL EQUIPMENT
INDUSTRIAL PROCESS CONTROL
WEIGH SCALES

DESCRIPTION
The ADS1244 is a 24-bit, delta-sigma Analog-to-Digital (A/D)
converter. It offers excellent performance and very low power
in an MSOP-10 package and is well suited for demanding
high-resolution measurements, especially in portable and
other space- and power-constrained systems.
A 3rd-order delta-sigma modulator and digital filter form the
basis of the A/D converter. The analog modulator has a ±5V
differential input range. The digital filter rejects both 50Hz
and 60Hz signals, completely settles in one cycle, and
outputs data at 15 samples per second.
A simple, 2-wire serial interface provides all the necessary
control. Data retrieval, self-calibration, and Sleep Mode are
handled with a few simple waveforms. When only single
conversions are needed, the ADS1244 can be shut down
(Sleep Mode) while idle between measurements to dramatically
reduce the overall power dissipation. Multiple ADS1244s
can be connected together to create a synchronously sampling
multichannel measurement system. The ADS1244 is
designed to easily connect to microcontrollers, such as the
MSP430.
The ADS1244 supports 2.5V to 5.25V analog supplies and
1.8V to 3.6V digital supplies. Power is typically less than
270μW in normal operation and less than 1μW during Sleep
Mode.




Similar Part No. - ADS1244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1244 TI1-ADS1244 Datasheet
931Kb / 25P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244-EVM BURR-BROWN-ADS1244-EVM Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244IDGSR BURR-BROWN-ADS1244IDGSR Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1244IDGSR TI1-ADS1244IDGSR Datasheet
931Kb / 25P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com