Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ27320 Datasheet (PDF) - Texas Instruments

BQ27320 Datasheet PDF - Texas Instruments
Part # BQ27320
Download  BQ27320 Download
File Size   638.36 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq27320 Single-Cell CEDV Fuel Gauge

BQ27320 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27320 Datasheet PDF - Texas Instruments

Part # BQ27320
Download  BQ27320 Click to download

File Size   638.36 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq27320 Single-Cell CEDV Fuel Gauge

BQ27320 Datasheet (HTML) - Texas Instruments


BQ27320 Product details

1 Features
1• Battery Fuel Gauge For System-/Pack-Side
Configuration
• Compensated End-of-Discharge Voltage (CEDV)
Gauging Technology
– Adjusts for Battery Aging, Self-Discharge,
Temperature, and Rate Changes
– Reports Remaining Capacity, State-of-Charge
(SOC), and Time-to-Empty with Smoothing
Filter
– Battery State-of-Health Estimation
– Supports Embedded or Removable Packs
from 100-mAhr to 14,500-mAhr Capacity
– Accommodates Pack Swapping with up to
Four Separate Battery Profiles
– Supports a Raw Coulomb Counter To Provide
Delta Capacity Information
• Microcontroller Peripheral Supports:
– SDQ Communication Interface for
Authentication ID
– 400-kHz I2C™ Serial Interface for High-Speed
Communication
– 32 Bytes of Scratch-Pad FLASH NVM
– Battery Low Digital Output Warning
– Configurable SOC Interrupts
– External Thermistor, Internal Sensor, or Host
Reported Temperature Options
• 15-Pin 1.375 mm x 2.75 mm x 1.75 mm Pitch
NanoFree™ (DSBGA) Package

2 Applications
• Smartphones, Feature Phones, and Tablets
• Wearables
• Building Automation
• Portable Medical/Industrial Handsets
• Portable Audio
• Gaming

3 Description
The Texas Instruments single-cell bq27320 battery
fuel gauge requires very minimal configuration and
system microcontroller firmware development, leading
to quick system bring-up. The bq27320 uses the
Compensated End-of-Discharge Voltage (CEDV) gas
gauging algorithm for fuel gauging, and provides
information such as remaining battery capacity
(mAh), state-of-charge (%), runtime-to-empty (min),
battery voltage (mV), temperature (°C) and state-ofhealth
(%).
TI customers can tune chemistry parameters using
TI's web-based tool, GAUGEPARCAL.
Configurable interrupts help save system power and
free up the host from continuous polling. Accurate
temperature sensing is supported via an external
thermistor.
Battery fuel gauging with the bq27320 requires only
PACK+ (P+), PACK– (P–), and optional thermistor (T)
connections to a removable battery pack or
embedded battery circuit. The device uses a 15-ball
NanoFree™ (DSBGA) package. It is ideal for spaceconstrained
applications.




Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
BQ27320YZFR TI1-BQ27320YZFR Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
BQ27320YZFT TI1-BQ27320YZFT Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
More results


Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
bq27000 Single Cell Battery Fuel Gauge Evaluation Module
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com